Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4412HV Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412HV Datasheet(HTML) 5 Page - Linear Technology

  LTC4412HV Datasheet HTML 1Page - Linear Technology LTC4412HV Datasheet HTML 2Page - Linear Technology LTC4412HV Datasheet HTML 3Page - Linear Technology LTC4412HV Datasheet HTML 4Page - Linear Technology LTC4412HV Datasheet HTML 5Page - Linear Technology LTC4412HV Datasheet HTML 6Page - Linear Technology LTC4412HV Datasheet HTML 7Page - Linear Technology LTC4412HV Datasheet HTML 8Page - Linear Technology LTC4412HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4412HV
sn4412hv 4412hvfs
VIN (Pin 1): Primary Input Supply Voltage. Supplies power
to the internal circuitry and is one of two voltage sense
inputs to the internal analog controller (The other input to
the controller is the SENSE pin). This input is usually
supplied power from a battery or other power source
which supplies current to the load. This pin can be by-
passed to ground with a capacitor in the range of 0.1
µF to
10
µF if needed to suppress load transients.
GND (Pin 2): Ground. Provides a power return for all the
internal circuits.
CTL (Pin 3): Digital Control Input. A logical high input (VIH)
on this pin forces the gate to source voltage of the primary
P-channel MOSFET power switch to a small voltage (VGOFF).
This will turn the MOSFET off and no current will flow from
the primary power input at VIN if the MOSFET is configured
so that the drain to source diode does not forward bias. A
high input also forces the STAT pin to sink 10
µA of current
(IS(SNK)). If the STAT pin is used to control an auxiliary P-
channel power switch, then a second active source of
power, such as an AC wall adaptor, will be connected to the
load (see Applications Information). An internal current
sink will pull the CTL pin voltage to ground (logical low) if
the pin is open.
PI FU CTIO S
STAT (Pin 4): Open-Drain Output Status Pin. When the
SENSE pin is pulled above the VIN pin with an auxiliary
power source by about 20mV or more, the reverse turn-off
threshold (VRTO) is reached. The STAT pin will then go
from an open state to a 10
µA current sink (IS(SNK)). The
STAT pin current sink can be used, along with an external
resistor, to turn on an auxiliary P-channel power switch
and/or signal the presence of an auxiliary power source to
a microcontroller.
GATE (Pin 5): Primary P-Channel MOSFET Power Switch
Gate Drive Pin. This pin is directed by the power controller
to maintain a forward regulation voltage (VFR) of 20mV
between the VIN and SENSE pins when an auxiliary power
source is not present. When an auxiliary power source is
connected, the GATE pin will pull up to the SENSE pin
voltage, turning off the primary P-channel power switch.
SENSE (Pin 6): Power Sense Input Pin. Supplies power to
the internal circuitry and is a voltage sense input to the
internal analog controller (The other input to the controller
is the VIN pin). This input is usually supplied power from
an auxiliary source such as an AC adapter or back-up
battery which also supplies current to the load.
BLOCK DIAGRA
1
6
SOURCE
POWER
VOLTAGE/CURRENT
REFERENCE
0.5V
POWER
LINEAR GATE
DRIVER AND
VOLTAGE CLAMP
A1
VIN
SENSE
ANALOG CONTROLLER
+
C1
3
2
CTL
3.5
µA
ON/OFF
10
µA
*DRAIN-SOURCE DIODE OF MOSFET
STATUS
OUTPUT
4412HV BD
ON/OFF
STAT
VCC
GATE
4
5
GND
OUTPUT
TO LOAD
SELECTOR
PRIMARY
SUPPLY
AUXILIARY
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com