Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH27 Datasheet(PDF) 1 Page - Linear Technology

Part # RH27
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH27 Datasheet(HTML) 1 Page - Linear Technology

  RH27 Datasheet HTML 1Page - Linear Technology RH27 Datasheet HTML 2Page - Linear Technology RH27 Datasheet HTML 3Page - Linear Technology RH27 Datasheet HTML 4Page - Linear Technology RH27 Datasheet HTML 5Page - Linear Technology RH27 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH27
1
rh27fd
PACKAGE INFORMATION
BURN-IN CIRCUIT
DESCRIPTION
Precision Operational
Amplifier
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................... ±22V
Internal Power Dissipation ................................. 500mW
Input Voltage............................. Equal to Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Differential Input Current (Note 8) ...................... ±25mA
Operating Temperature Range............... –55°C to 125°C
Junction Temperature Range ................ –55°C to 150°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
The RH27 combines very low noise with excellent precision
and high speed specifications. The low 1/f noise corner
frequency of 2.7Hz combined with 3.5nV√Hz 10Hz noise
and low offset voltage make the RH27 an excellent choice
for low frequency military instrumentation applications. The
wafer lots are processed to LTC’s in-house Class S flow to
yield circuits usable in stringent military applications.
For complete electrical specifications and performance
curves see the OP-27/OP-37 data sheet.
10k
200Ω
10k
20V
–20V
7
6
4
3
2
OR
20V
–20V
7
2
8
3
4
TOP VIEW
V+
VOS TRIM
VOS TRIM
–IN
OUT
NC
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
NC
J8 PACKAGE
8-LEAD CERDIP
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
NC
VOS TRIM
–IN
+IN
V–
NC
VOS TRIM
V+
OUT
NC
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
RH27EH
RH27CH
RH27CJ8
RH27AEW (Note 11)
RH27EW
RH27CW


Similar Part No. - RH27

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RH27 AD-RH27 Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
RH27AEW AD-RH27AEW Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
logo
Linear Technology
RH27C LINER-RH27C Datasheet
165Kb / 4P
Precision Operational Amplifier
RH27C LINER-RH27C Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Analog Devices
RH27CH AD-RH27CH Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
More results

Similar Description - RH27

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com