Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH27 Datasheet(PDF) 2 Page - Linear Technology

Part # RH27
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH27 Datasheet(HTML) 2 Page - Linear Technology

  RH27 Datasheet HTML 1Page - Linear Technology RH27 Datasheet HTML 2Page - Linear Technology RH27 Datasheet HTML 3Page - Linear Technology RH27 Datasheet HTML 4Page - Linear Technology RH27 Datasheet HTML 5Page - Linear Technology RH27 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RH27
2
rh27fd
TABLE 1: ELECTRICAL CHARACTERISTICS
(Preirradiation) (Note 9)
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
SUB-
GROUP
MIN
TYP
MAX
SUB-
GROUP
UNITS
VOS
Input Offset Voltage
RH27AE
RH27E
RH27C
11
1
1
35
55
100
4
4
4
60
100
300
2, 3
2, 3
2, 3
μV
μV
μV
ΔVOS
ΔTemp
Average Offset Drift
RH27E
RH27C
4, 7
4, 7
1
1.8
μV/°C
μV/°C
ΔVOS
ΔTime
Long-Term Input
Offset Voltage Stability
RH27E
RH27C
2, 4
2, 4
1
2
μV/
Month
IOS
Input Offset Current
RH27E
RH27C
35
75
1
1
50
135
2, 3
2, 3
nA
nA
IB
Input Bias Current
RH27E
RH27C
±40
±80
1
1
±60
±150
2, 3
2, 3
nA
nA
en
Input Noise Voltage
0.1Hz to 10Hz (RH27E)
0.1Hz to 10Hz (RH27C)
4, 5
4, 5
0.18
0.25
μVP-P
μVP-P
Input Noise Voltage
Density
fO = 10Hz (RH27E)
fO = 30Hz (RH27E)
fO = 1000Hz (RH27E)
fO = 10Hz (RH27C)
fO = 30Hz (RH27C)
fO = 1000Hz (RH27C)
3
4
4
3
4
4
5.5
4.5
3.8
8
5.6
4.5
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
in
Input Noise Current
Density
fO = 1000Hz
4, 6
0.6
pA/√Hz
Input Resistance
Common Mode
RH27E
RH27C
3
2
GΩ
GΩ
Input Voltage Range
RH27E
RH27C
4
4
±11
±11
±10.3
±10.2
V
V
CMRR
Common Mode
Rejection Ratio
VCM = ±11V (RH27E)
VCM = ±10V (RH27E)
VCM = ±11V (RH27C)
VCM = ±10V (RH27C)
114
100
1
1
108
94
2, 3
2, 3
dB
dB
dB
dB
PSRR
Power Supply
Rejection Ratio
VS = ±4V to ±18V (RH27E)
VS = ±4.5V to ±18V (RH27E)
VS = ±4V to ±18V (RH27C)
VS = ±4.5V to ±18V (RH27C)
100
94
1
1
96
86
2, 3
2, 3
dB
dB
dB
dB
AVOL
Large-Signal Voltage
Gain
RL ≥ 2kΩ, VO = ±10V (RH27E)
RL ≥ 600Ω, VO = ±1V (RH27E)
VS = ±4V
RL ≥ 2kΩ, VO = ±10V (RH27C)
RL ≥ 600Ω, VO = ±1V (RH27C)
VS = ±4V
4
4
1000
250
700
200
4
4
600
300
5, 6
5, 6
V/mV
V/mV
V/mV
V/mV
VOUT
Maximum Output
Voltage Swing
RL ≥ 2kΩ (RH27E)
RL ≥ 600Ω (RH27E)
RL ≥ 2kΩ (RH27C)
RL ≥ 600Ω (RH27C)
±12
±10
±11.5
±10
4
4
4
4
±11.5
±10.5
5, 6
5, 6
V
V
V
V
SR
Slew Rate
RL ≥ 2kΩ
1.7
7
V/μs
GBW
Gain-Bandwidth
Product
fO = 100kHz
4
5
MHz
ZO
Open-Loop Output
Resistance
VO = 0, IO = 0
70
Ω
PD
Power Dissipation
RH27E
RH27C
140
170
1
1
mW
mW
TA = 25°C
–55°C ≤ TA ≤ 125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com