Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH27 Datasheet(PDF) 4 Page - Linear Technology

Part # RH27
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH27 Datasheet(HTML) 4 Page - Linear Technology

  RH27 Datasheet HTML 1Page - Linear Technology RH27 Datasheet HTML 2Page - Linear Technology RH27 Datasheet HTML 3Page - Linear Technology RH27 Datasheet HTML 4Page - Linear Technology RH27 Datasheet HTML 5Page - Linear Technology RH27 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RH27
4
rh27fd
TYPICAL PERFORMANCE CHARACTERISTICS
Positive Slew Rate
Negative Slew Rate
TOTAL DOSE KRAD (Si)
1
0
1
2
4
10
RH27 G01
100
1000
3
VS = 15V
RL = 2k
TOTAL DOSE KRAD (Si)
1
0
1
2
4
10
RH27 G02
100
1000
3
VS = 15V
RL = 2k
TOTAL DOSE BIAS CIRCUIT
10k
15V
–15V
10k
–1μF
–1μF
8V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com