Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2154 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 3Page - STMicroelectronics AN2154 Datasheet HTML 4Page - STMicroelectronics AN2154 Datasheet HTML 5Page - STMicroelectronics AN2154 Datasheet HTML 6Page - STMicroelectronics AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN2154
The PWM generator block of ST7MC motor control peripheral for SVPWM
7/16
2
The PWM generator block of ST7MC motor control
peripheral for SVPWM
This section provides a basic functional description of the 12 bit PWM generator embedded
into the ST7MC motor control peripheral.
Figure 3 schematizes the block diagram of the PWM generator. The 3 PWM signals are
generated using a freerunning 12-bit PWM Counter and three 13-bit Compare registers for
phase U, V and W: MCMPU, MCMPV and MCMPW registers. A fourth 12-bit register
(MCMP0) is needed to set up the PWM carrier frequency. All three PWM signals (Phases U,
V and W) are then directed to the channel manager, in which dead time may be added.
The 12-bit PWM Counter clock is supplied through a 3-bit prescaler to allow the generation
of lower PWM carrier frequencies. It divides Fmtc by 1, 2, 3,..., 8 to get Fcounter.
The PWM generator can work in center-aligned or edge-aligned mode, depending on the
CMS bit setting in the MPCR register:
●
Center-aligned Mode (CMS bit = 1): In this operating mode, the PWM Counter counts
up to the value loaded in the 12-bit Compare 0 register (MCMP0). Subsequently it
counts down until it reaches zero and restarts counting up. The PWM signals are set to
'0' when the PWM Counter reaches, in counting up, the corresponding 13-bit Compare
register value, and they are set to '1' when the PWM Counter reaches the 13-bit
Compare value again in counting down. Figure 4 shows a center-aligned PWM
waveform, where the Compare 0 register value is equal to 8.
●
Edge-aligned Mode (CMS bit = 0): In this operating mode, the PWM Counter counts up
to the value loaded in the 12-bit Compare Register. Then the PWM Counter is cleared
and it restarts counting up. The PWM signals are set to '0' when the PWM Counter
reaches, in counting up, the corresponding 13-bit Compare register value, and they are
set to '1' when the PWM Counter is cleared. Figure 5 shows an edge-aligned PWM
waveform, where the Compare 0 register value is equal to 8. Both in center-aligned and
edge-aligned modes, the four Compare registers (one Compare 0 and three for the U,
V and W phases) are updated (and an Update 'U' event interrupt is generated if
enabled) when the PWM counter underflows or overflows, and the 8-bit Repetition
countdown has reached zero.This means that data is transferred from the preload
compare registers to the compare registers every N cycles of the PWM Counter, where
N is the value of the 8-bit Repetition register in edge-aligned mode. When using center-
aligned mode, the repetition countdown is decremented every time the PWM counter
overflows or underflows. Although this limits the maximum number of repetitions to 128
PWM cycles, this makes it possible to update the duty cycle twice per PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com