Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2154 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics AN2154 Datasheet HTML 12Page - STMicroelectronics AN2154 Datasheet HTML 13Page - STMicroelectronics AN2154 Datasheet HTML 14Page - STMicroelectronics AN2154 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN2154
ST7MC implementation of symmetrical SVPWM
11/16
3.2
Symmetrical SVPWM algorithm description
As discussed in Chapter 1, in order to generate SVPWM, vector V must rotate continuously
inside the space vector hexagon. This implies that time ta, tb and t0 must continuously vary
following Equation 10 - 12. Since these equations are only valid for
α in the range between 0
and
π/3, it could be very convenient to represent angle á by an 11-bit variable. This way, the
most significant 3 bits can be used to indicate the sector, and the least significant 8-bits can
contain the angle of vector V inside the identified sector. The resolution is given by
π/(3.256)
radians equivalent to 0.234 degrees. In practical implementation, to keep the frequency
resolution high, it is necessary to store angle
α in a 16-bit variable. According to the previous
discussion, the most significant 3 bits identify the sector, the successive 8 bits are used to
identify the angle inside the sector and the least significant 5 bits are not used for ta, tb and
t0 computation.
In order to reduce the CPU computational load, a look-up table has been used for storing
time ta and tb using Equation 10 and 11 with the maximum admissible value of modulation
index mi (that is 0.866).
Moreover, comparing Equation 10 and 11 it is possible to note that the ta table is exactly the
same as the tb table in reverse. This means that only one look-up table is necessary. During
runtime, the look-up times ta and tb must be scaled accordingly with the value of modulation
index imposed from the user. This is achieved in two steps: first, times ta and tb are
multiplied by an 8-bit variable (SineMag) read from potentiometer RV2 and, therefore, only
the result of the most significant byte is considered (that is the equivalent of a division by
256).
After ta and tb scaling, the three values to be loaded into the compare registers must be
calculated to generate the waveform shown in Figure 7. Let us suppose, for example, that
vector V is, in a well known instant, situated in sector 0 and, therefore, it has to be "time
weighted" between state 001 and 011 (this situation is exposed in Figure 7). The values to
be loaded into the compare registers are:
Equation 14
Equation 15
Equation 16
Moreover, as it is:
Equation 17
and
Equation 18
t
0
2
----
⎝⎠
⎛⎞
F
counter
⋅
Phase U compare register (MCMPU)=
t
0
2
----
t
a
+
⎝⎠
⎛⎞
F
counter
⋅
Phase V compare register (MCMPV)=
t
0
2
----
t
a
t
b
++
⎝⎠
⎛⎞
T
0
t
0
2
----
–
⎝⎠
⎛⎞
=
F
counter
⋅
Phase W compare register (MCMPW)=
T
0
1
2f
s
⋅
()
-------------------
1
2
15.625
⋅
()
---------------------------------
32
µs
=
=
=
MCMP0
T
0
F
counter
1255
=
–
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com