Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2154 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics AN2154 Datasheet HTML 12Page - STMicroelectronics AN2154 Datasheet HTML 13Page - STMicroelectronics AN2154 Datasheet HTML 14Page - STMicroelectronics AN2154 Datasheet HTML 15Page - STMicroelectronics AN2154 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN2154
Conclusions and experimental results
13/16
4
Conclusions and experimental results
Starting from the ST7MC three-phase asynchronous motor control library, an algorithm for
symmetrical SVPWM has been developed. This section illustrates the measurement carried
out for CPU load evaluation and shows the oscilloscope capture of obtained output
waveforms.
4.1
The CPU load evaluation
The contribution of the implemented algorithm to the CPU load has been estimated
measuring the U interrupt routine execution time at 8 MHz clock frequency with the usage of
ST7MC emulator (ST7MDT50-EMU3). The average execution time of the above mentioned
routine turned out to be equal to:
Equation 23
The contribution of SVPWM implementation to the CPU load has been, therefore, computed
in the exposed situation using relationship:
Equation 24
Table 3.
Variables utilized in SVPWM algorithm
Variable name
Variable size
Physical meaning
Resolution
Phase
16 bit (0x00000xBFFF)
Angle
α
0.234 degrees
SineFreq
16 bit
d
α/dt
0.212 Hz
Ta
8 bit
ta
12 bit timer resolution (125 ns)
Tb
8 bit
tb
12 bit timer resolution (125 ns)
SineMag
8 bit
mi*256
≈ 0.0039
t0
It is not a defined variable. It is always computed as T0- ta- tb
T0
T0 is not a defined variable. It is constant at 15.625 kHz carrier frequency
t
ex
23.1
µsec
=
CPU
LOAD
t
ex
0.5
t
PWM
REP
COUNTER
1
+
()
⋅⋅
------------------------------------------------------------------------------------------
24.1
=
=
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com