Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2169 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 17Page - STMicroelectronics AN2169 Datasheet HTML 18Page - STMicroelectronics AN2169 Datasheet HTML 19Page - STMicroelectronics AN2169 Datasheet HTML 20Page - STMicroelectronics AN2169 Datasheet HTML 21Page - STMicroelectronics AN2169 Datasheet HTML 22Page - STMicroelectronics AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics AN2169 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN2169
Modified registers
21/33
Reset Value: 0000h
3.2.1
Hardware impact
The CMOS levels of the 2 devices are slightly different, therefore the circuitry must be checked
to verify that the new levels can still match the requirements.
3.2.2
Software impact
The high byte of the PICON register is reserved on the ST10F276. Check that the ST10F168
was not writing in bits P4LIN and P6LIN of PICON which are no longer reserved on the
ST10F276.
3.3
IDCHIP register
A new field has been added inside the IDCHIP register to distinguish the different peripheral
options.
ST10F168: IDCHIP (F07Ch)
ESFR
Reset Value: 10DXh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
P8LIN
P7LIN
P6LIN
P4LIN
P3HIN
P3LIN
P2HIN
P2LIN
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
PxLIN
Port x Low Byte Input Level Selection
0: Pins Px.7..0 switch on standard TTL input levels
1: Pins Px.7..0 switch on CMOS input levels
PxHIN
Port x High Byte Input Level Selection
0: Pins Px.15..8 switch on standard TTL input levels
1: Pins Px.15..8 switch on CMOS input levels
PxLOUT
Port x Low Byte Output Driver Characteristic selection
0: Pins Px.7...0 output driver strength is reduced after reaching VOL or
VOH
1: Pins Px.7...0 output drive is not reduced after reaching VOL or VOH
Only for
ST10F168
PxHOUT
Port x High Byte Output Driver Characteristic selection
0: Pins Px.15...8 output driver strength is reduced after reaching VOL or
VOH
1: Pins Px.15...8 output drive is not reduced after reaching VOL or VOH
Only for
ST10F168
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CHIPID
REVID
RR
RR
R
R
R
R
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com