Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2169 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 19Page - STMicroelectronics AN2169 Datasheet HTML 20Page - STMicroelectronics AN2169 Datasheet HTML 21Page - STMicroelectronics AN2169 Datasheet HTML 22Page - STMicroelectronics AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics AN2169 Datasheet HTML 25Page - STMicroelectronics AN2169 Datasheet HTML 26Page - STMicroelectronics AN2169 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN2169
New registers
23/33
4
New registers
This section presents new registers that have to be considered when porting an application
running on the ST10F168 onto the ST10F276.
4.1
XPERCON register
The ST10F276 has a new register named XPERCON that allows the XBUS peripherals to be
separately selected for being visible to the user by means of corresponding bits. If not selected
(not activated with a bit of XPERCON) before the XPEN bit in SYSCON is set, the
corresponding address space, port pins and interrupts are not occupied by the peripheral, and
thus this peripheral is not visible and not available.
ST10F276: XPERCON (F024h / 12h)
SFR
Reset Value: -005h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
--
-
XMISC
EN
XI2C
EN
XSSC
EN
XASC
EN
XPWM
EN
XFLASH
EN
RTC
EN
XRAM2
EN
XRAM1
EN
CAN2
EN
CAN1
EN
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
15:11
Reserved
10
XMISCEN: XBUS Additional Features Enable Bit
0: Accesses to the Additional Miscellaneous Features is disabled.
1: The Additional Features are enabled and can be accessed.
9
XI2CEN: XI 2 C Enable Bit
0: Accesses to the on-chip XI 2 C are disabled, external access performed.
1: The on-chip XI 2 C is enabled and can be accessed.
8
XSSCEN: XSSC Enable Bit
0: Accesses to the on-chip XSSC are disabled, external access performed.
1: The on-chip XSSC is enabled and can be accessed.
7
XASCEN: XASC Enable Bit
0: Accesses to the on-chip XASC are disabled, external access performed.
1: The on-chip XASC is enabled and can be accessed.
6
XPWMEN: XPWM Enable
0: Accesses to the on-chip XPWM module are disabled, external access performed.
1: The on-chip XPWM module is enabled and can be accessed.
5
XXFLASHEN: FLASH Enable Bit
0: Accesses to the on-chip XFLASH are disabled, external access performed.
1: The on-chip XFLASH is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com