Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2169 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 18Page - STMicroelectronics AN2169 Datasheet HTML 19Page - STMicroelectronics AN2169 Datasheet HTML 20Page - STMicroelectronics AN2169 Datasheet HTML 21Page - STMicroelectronics AN2169 Datasheet HTML 22Page - STMicroelectronics AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics AN2169 Datasheet HTML 25Page - STMicroelectronics AN2169 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Modified registers
AN2169
22/33
ST10F276: IDCHIP (F07Ch)
ESFR
Reset Value: 114Xh
3.3.1
Hardware Impact
None.
3.3.2
Software Impact
None.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PCONF
CHIPID
REVID
RR
RR
R
R
R
R
R
R
R
R
R
R
R
R
Bit Name
Function
REVID
ST10 Module Revision Identifier (Full Mask Set revision)
01h: Rev. A (First main revision)
02h: Rev. B (Second main revision)
:
0Fh: Rev. P
CHIPID
ST10 Module Identifier
0A8: ST10F168 identifier (168d = 0A8h)
114h: ST10F276 identifier (276d = 114h)
PCONF
Peripheral Configuration
00: (E) Enhanced (ST10F276)
01: (B) Basic
10: (D) Dedicated
11: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com