Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics AN2200 Datasheet HTML 10Page - STMicroelectronics AN2200 Datasheet HTML 11Page - STMicroelectronics AN2200 Datasheet HTML 12Page - STMicroelectronics AN2200 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4 Electrical characteristics
Migrating applications from ST7FLITE1x to ST7FLITE1xB
10/13
4
Electrical characteristics
There are several differences in the electrical parameters between the ST7LITE1x and
ST7LITE1xB. The principal differences are shown in the tables below. Please refer to the
respective datasheets for the complete specifications.
Table 2.
Operating conditions with Low Voltage Detector (LVD) - typical values
Table 3.
Auxiliary Voltage Detector (AVD) - typical values
Table 4.
Internal RC oscillator and PLL
Note:
Refer to 3.1 for more details.
Symbol
Parameter
Conditions
ST7Lite1x
ST7FLite1xB
Unit
VIT+(LVD)
Reset release
threshold (VDD rise)
High Threshold
4.25
4.15
V
Medium Threshold
3.60
3.55
V
Low Threshold
2.90
2.85
V
VIT-(LVD)
Reset generation
threshold (VDD fall)
High Threshold
4.05
3.95
V
Medium Threshold
3.40
3.35
V
Low Threshold
2.7
2.7
V
Vhys
LVD Voltage thresh-
old hysteresis
200
200
mV
VtPOR
VDD rise time rate
0.02 - 20
0.02 - 100
ms/V
Symbol
Parameter
Conditions
ST7Lite1x
ST7FLite1xB
Unit
VIT+(AVD)
1=> 0 AVDF flag tog-
gle threshold (VDD
rise)
High Threshold
4.70
4.40
V
Medium Threshold
4.10
3.85
V
Low Threshold
3.40
3.15
V
VIT-(AVD)
0=1 0 AVDF flag tog-
gle threshold (VDD
fall)
High Threshold
4.60
4.15
V
Medium Threshold
3.90
4.0
V
Low Threshold
3.20
3.35
V
Vhys
LVD Voltage thresh-
old hysteresis
200
200
mV
Symbol
Parameter
ST7Lite1x
ST7Lite1xB
Unit
Min
Typ
Max
Min
Typ
Max
VDD(RC)
Internal RC Oscillator operat-
ing voltage
2.4
5.5
2.7
5.5
V
VDD(x4PLL)
x4 PLL operating voltage
2.4
3.3
2.7
3.3
VDD(x8PLL)
x8 PLL operating voltage
3.3
5.5
3.3
5.5
tSTARTUP
PLL startup time
60
60
fPLL cy-
cles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com