Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2200 Datasheet HTML 1Page - STMicroelectronics AN2200 Datasheet HTML 2Page - STMicroelectronics AN2200 Datasheet HTML 3Page - STMicroelectronics AN2200 Datasheet HTML 4Page - STMicroelectronics AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Migrating applications from ST7FLITE1x to ST7FLITE1xB
2 Register map
5/13
Figure 1.
Register map modifications
ST7FLITE1x
@Block
Register
Label
0006h
Reserved Area
0007h
000Dh
Autore-
load Tim-
er 2
ATCSR
000Eh
CNTRH
000Fh
CNTRL
0010h
ATRH
0011h
ATRL
0012h
PWMCR
0013h
PWM0CSR
0014h
PWM1CSR
0015h
PWM2CSR
0016h
PWM3CSR
0017h
DCR0H
0018h
DCR0L
0019h
DCR1H
001Ah
DCR1L
001Bh
DCR2H
001Ch
DCR2L
001Dh
DCR3H
001Eh
DCR3L
001Fh
ATICRH
0020h
ATICRL
0021h
TRANCR
0022h
BREAKCR
0023h
Reserved Area
0024h
0025h
0026h
002Ch
Reserved Area
002Dh
003Bh
Reserved Area
004Bh
Debug
Module
DMCR
004Ch
DMSR
004Dh
DMBK1H
004Eh
DMBK1L
004Fh
DMBK2H
0050h
DMBK2L
0051h
Reserved Area
2
1
ST7FLITE1xB
@Block
Register
Label
0006h
Port C
PCDR
0007h
Port C
PCDDR
000Dh
Autoreload
Timer 2
ATCSR
000Eh
CNTRH
000Fh
CNTRL
0010h
ATRH
0011h
ATRL
0012h
PWMCR
0013h
PWM0CSR
0014h
PWM1CSR
0015h
PWM2CSR
0016h
PWM3CSR
0017h
DCR0H
0018h
DCR0L
0019h
DCR1H
001Ah
DCR1L
001Bh
DCR2H
001Ch
DCR2L
001Dh
DCR3H
001Eh
DCR3L
001Fh
ATICRH
0020h
ATICRL
0021h
ATCSR2
0022h
BREAKCR
0023h
ATR2H
0024h
ATR2H
0025h
DTGR
0026h
BREAKEN
002Ch
Analog
Comparator
VREFCR
002Dh
CMPCR
003Bh
PLL
PLLTST
004Bh
Debug Mod-
ule
DMCR
004Ch
DMSR
004Dh
DMBK1H
004Eh
DMBK1L
004Fh
DMBK2H
0050h
DMBK2L
0051h
DMCR2
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com