Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2288 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 9Page - STMicroelectronics AN2288 Datasheet HTML 10Page - STMicroelectronics AN2288 Datasheet HTML 11Page - STMicroelectronics AN2288 Datasheet HTML 12Page - STMicroelectronics AN2288 Datasheet HTML 13Page - STMicroelectronics AN2288 Datasheet HTML 14Page - STMicroelectronics AN2288 Datasheet HTML 15Page - STMicroelectronics AN2288 Datasheet HTML 16Page - STMicroelectronics AN2288 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN2288
Meter hardware
13/29
factor will change to x8 or when upper half of sinewave after x8 increases after 1.015V, the
active gain factor will change to x2. The Irms will be:
The same logic applies with the x8 voltage multiplier. Below ~0.508V, the gain factor
increases to x32. At this level, when the voltage increases higher than 2.03V, the gain factor
drops back to x8. The Irms can be calculated (using just the upper half of the sinewave):
The same logic applies with the x32 voltage multiplier. Below ~0.508V, the gain factor
increases to x128. At this level, when the voltage increases higher than 2.03V, the gain
factor drops back to x32. The Irms can be calculated (using just the upper half of the
sinewave):
2Irms
×
R
shunt
x2
×
()
×
5000
------------------------------------------------------------------
0.253V
=
Irms
13.7
7.818
×
32.23
---------------------------------
3.32A
==
Irms
3.32
32.23
×
131.77
---------------------------------
0.81A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com