Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2288 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 10Page - STMicroelectronics AN2288 Datasheet HTML 11Page - STMicroelectronics AN2288 Datasheet HTML 12Page - STMicroelectronics AN2288 Datasheet HTML 13Page - STMicroelectronics AN2288 Datasheet HTML 14Page - STMicroelectronics AN2288 Datasheet HTML 15Page - STMicroelectronics AN2288 Datasheet HTML 16Page - STMicroelectronics AN2288 Datasheet HTML 17Page - STMicroelectronics AN2288 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Meter hardware
AN2288
14/29
Figure 9.
Gain switching circuit
4.1.7
EEPROM block
After power up, the accumulated kWh data, tampering information and calibration
parameters are read by the microcontroller and stored in the form of RAM variables. When
the meter is tampered, the tampering information (meter is tampered and tampered
channel) will be stored in the EEPROM immediately. When power goes off, the accumulated
kWh data will be stored in the EEPROM.
+
-
3.75V
R9
R8
From Analog switch
x 2
+
-
3.75V
R10
R7
From Analog switch
x 8
+
-
3.75V
R11
R14
From Analog switch
x32 or
x128
C39
Analog input to ADC
Analog input to ADC
Analog input to ADC
Controlled by MCU
R12
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com