Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2288 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 19Page - STMicroelectronics AN2288 Datasheet HTML 20Page - STMicroelectronics AN2288 Datasheet HTML 21Page - STMicroelectronics AN2288 Datasheet HTML 22Page - STMicroelectronics AN2288 Datasheet HTML 23Page - STMicroelectronics AN2288 Datasheet HTML 24Page - STMicroelectronics AN2288 Datasheet HTML 25Page - STMicroelectronics AN2288 Datasheet HTML 26Page - STMicroelectronics AN2288 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN2288
Software routines
23/29
5.5
AVD interrupt routine
This routine is used to store accumulated kWh and tampering information to EEPROM
during power down.
Figure 20. AVD Interrupt power down routine
5.6
External interrupt routine
If the user wants to enter PC calibration mode, he should press the switch within ~30Sec of
start of the application. Application will enter into external interrupt routine by pressing the
external switch. Now external interrupt routine will wait for interrupt coming from PC GUI.
Figure 21. External interrupt routine
5.7
ART timer input capture interrupt routine
In this application, SCI is simulated using the 12-bit ART TImer. Different commands are
received by software SCI, and a response is sent back to the PC GUI using the ART timer
overflow interrupt.
end
AVD_Interrupt_Power_Down
Disable AVD interrupt
Write 4-bytes of kWh and
one byte of tampering infor-
mation to EEPROM
end
External Interrupt
Disable AVD interrupt
Wait for input capture inter-
rupt which is coming from
PC GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com