Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2394 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2394
Description  The purpose of this application note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2394 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2394 Datasheet HTML 5Page - STMicroelectronics AN2394 Datasheet HTML 6Page - STMicroelectronics AN2394 Datasheet HTML 7Page - STMicroelectronics AN2394 Datasheet HTML 8Page - STMicroelectronics AN2394 Datasheet HTML 9Page - STMicroelectronics AN2394 Datasheet HTML 10Page - STMicroelectronics AN2394 Datasheet HTML 11Page - STMicroelectronics AN2394 Datasheet HTML 12Page - STMicroelectronics AN2394 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2394
Implementation example with STR711F
9/13
3.2
Firmware description
The software associated with this application is developed in C using the STR71x Firmware
Library from STMicroelectronics. The STR71x Firmware Library provides a set of functions
covering the functionality of the STR71x peripheral. As a result, users can develop
applications for any STR71x device without an in-depth study of each peripheral
specification.
Note:
The firmware assumes that the .WAV file is stored at address 0x00 of the Flash.
The first part of the software performs the configuration of the different system clocks. The
main clock (MCLK), PCLK1 (including serial communication peripherals, such as BSPI0)
and PCLK2 (including system peripherals, such as TIM0 and TIM3) are set to 32MHz using
an external 4MHz oscillator.
Once the BSPI0 peripheral and its associated pin are configured, the baudrate is set to
5.3Mb/s.
The task of audio playback is achieved by calling the WAVE_PlayBack function. This
function starts by a call to the WAVE_Parsing function. This checks the format of the .WAV
file and gets information about the audio format. This is done by reading the value of a
number of parameters stored in the file header and comparing these to the values expected
for the format of a standard .WAV file. If a valid .WAV file format, it continues reading the
header to determine the audio format in terms of the sample rate and the sampled data size.
If the audio format is supported by this application, it retrieves the audio format in the
WAVE_FormatTypeDef structure and returns a zero value. Otherwise the function fails and
the return value is nonzero. In this case, the return value specifies the cause of the function
fails.
The WAVE_PlayBack function tests the value returned by WAVE_Parsing function, if it is a
nonzero value the audio playback fails. Otherwise, it configures the TIM0 and TIM3 timers.
TIM3 is programmed to generate 125.5kHz PWM signal and TIM0 is programmed to
generate an interrupt at frequency equal to the .WAV file sample rate value.
Note:
As TIM3 OCBR value is fixed to 255, the maximum PWM frequency that can be reached is
125.5kHz.
On each TIM0 interrupt, a byte is read from the SPI Flash to update the TIM3 Output
Compare A register (OCAR) value. A counter loop operates by counting down from the
sampled data size value and when zero is reached the playback is stopped.
Usually, to read a byte from the SPI Flash several steps are performed:
1.
Drive the S line low to select the device
2.
Send read data instruction
3.
Send a 3 byte address
4.
Send a dummy byte. Then the memory content, at that address, is shifted out on Serial
Data Output (Q)
5.
Drive the S line high to deselect the device
Repeating this procedure for each byte read from the SPI Flash increases the processing
time of the TIM0 interrupt service routine. This can affect the CPU load and limits other
tasks that the application may demand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com