Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2394 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2394
Description  The purpose of this application note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2394 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2394 Datasheet HTML 1Page - STMicroelectronics AN2394 Datasheet HTML 2Page - STMicroelectronics AN2394 Datasheet HTML 3Page - STMicroelectronics AN2394 Datasheet HTML 4Page - STMicroelectronics AN2394 Datasheet HTML 5Page - STMicroelectronics AN2394 Datasheet HTML 6Page - STMicroelectronics AN2394 Datasheet HTML 7Page - STMicroelectronics AN2394 Datasheet HTML 8Page - STMicroelectronics AN2394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2394
Audio playback
5/13
Where:
OCBR: Output Compare B register value
Prescaler: Timer clock prescaler
TTimer : period of the Timer clock that drives the Prescaler.
The value set in the OCAR determines the duty-cycle:
Ton = OCAR * Prescaler * TTimer
dcycle = (Ton/ T)*100 = (OCAR / OCBR) *100 %
Where:
OCAR: Output Compare A register value
Figure 2.
Typical PWM signal waveform
2.2
Audio playback
Before the audio data can be played, the header must be parsed so that the sampling rate of
the data and its length can be determined.
The task of reproducing audio is achieved by using sampled data (data contained in the
.WAV file) to vary the duty cycle of the PWM signal who’s period is held at a constant value.
The duty cycle represents the ratio of the pulse width to the pulse period, i.e. it represents
the ratio of the OCAR value to the OCBR one.
As the duty cycle varies according to the values of the sampled data and this data is coded
in 8 bits (with values from 0 to 255), the OCBR value must be set to 255 and the OCAR
value fills with the sampled data values (the OCAR value varies from 0 to 255). In this
manner the duty cycle varies from 0% to 100%.
The OCAR value is updated at intervals specified by the SysTimer period which is equal to
the sample rate of the .WAV file.
The PWM output signal is then fed to a simple RC low-pass filter to generate an output
voltage directly proportional to the average time spent in the HIGH state (i.e., 50% duty
cycle is equal to 1.65V when VDD = 3.3V). When this is averaged over time, we get a
reasonable reproduction of the original analog signal.
There are several design considerations involved in the selection of the cut-off frequency of
the low-pass filter. Primarily, the filter cut-off frequency must be much lower than the PWM
frequency to reduce the noise generated by PWM switching. A PWM frequency of 10 times
the cut-off frequency is a generally sufficient. However, the cut-off frequency of the filter is
critical to the bandwidth of the output audio.
In addition, it is recommended, on the basis of the Nyquist Criterion, that the cut-off
frequency of any filter used be set at half the frequency of the sample playback rate. Since in
T
Ton
t
PWM
Output
T
Ton
T
Ton
dcycle = 50%
dcycle = 25%
dcycle = 75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com