Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2394 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2394
Description  The purpose of this application note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2394 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2394 Datasheet HTML 1Page - STMicroelectronics AN2394 Datasheet HTML 2Page - STMicroelectronics AN2394 Datasheet HTML 3Page - STMicroelectronics AN2394 Datasheet HTML 4Page - STMicroelectronics AN2394 Datasheet HTML 5Page - STMicroelectronics AN2394 Datasheet HTML 6Page - STMicroelectronics AN2394 Datasheet HTML 7Page - STMicroelectronics AN2394 Datasheet HTML 8Page - STMicroelectronics AN2394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Audio playback
AN2394
4/13
2
Audio playback
The audio playback requires two dedicated timers:
●
Timer used as system timer, SysTimer: generates an interrupt at a programmable rate
(fixed by the .WAV file sample rate value).
●
Timer used in PWM mode. This timer should be able to produce high frequency PWM
signal.
The .WAV file data can be stored in a compatible SPI-based Flash (requiring an SPI
interface), in internal Flash memory (if the chosen STR7/SRT9 MCU has sufficient capacity)
or on any other external memory type supported by the microcontroller .
The audio playback flow is presented in the following figure:
Figure 1.
Audio playback flow
To playback the audio, the microcontroller reads each 8-bit sample and then outputs it to a
digital-to-analog converter (DAC) at the desired sample rate. The analog wave produced by
the DAC is amplified and fed to a speaker to produce the sound.
As the STR7/STR9 MCU doesn't have an on-chip DAC, an alternative method is used to
implement 1 channel DAC. Such a method is the use of the built-in Pulse Width Modulation
(PWM) module to generate a signal whose pulse width is proportional to the amplitude of
the sample data. The PWM output signal is then integrated by a low-pass filter to remove
high frequency components, leaving only the low-frequency content. The output of the low-
pass filter provides a reasonable reproduction of the original analog signal.
2.1
STR7/STR9 PWM description
This section introduces the basic concepts of the PWM mode of the STR7/STR9 TIMER
(TIM).
Pulse Width Modulation (PWM) consists of a signal with a fixed period whose duty cycle is
variable. The duty cycle represent the ratio of ON period to the period of the signal.
For the TIM, the PWM period and duty cycle are determined by the value of the OCAR and
OCBR registers.
The PWM output signal period is fixed by the OCBR which determines the maximum value
that the counter can count before starting a new period:
T = OCBR * Prescaler * TTimer
STR7/STR9
PWM
Low-Pass
filter
Audio
Amplifier
Speaker
External Memory,
example: SPI Flash
.WAV
.WAV
Internal
Flash
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com