Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1372
Description  500kHz and 1MHz High Efficiency 1.5A Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1372 Datasheet HTML 4Page - Linear Technology LT1372 Datasheet HTML 5Page - Linear Technology LT1372 Datasheet HTML 6Page - Linear Technology LT1372 Datasheet HTML 7Page - Linear Technology LT1372 Datasheet HTML 8Page - Linear Technology LT1372 Datasheet HTML 9Page - Linear Technology LT1372 Datasheet HTML 10Page - Linear Technology LT1372 Datasheet HTML 11Page - Linear Technology LT1372 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1372/LT1377
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS N
Low Ripple 5V to – 3V “Cuk”† Converter
LT1372/LT1377
VIN
S/S
GND
GND S
VSW
NFB
VC
5
4
7
6
8
3
1
+
+
R4
2k
R2
4.99k
1%
R1
1k
1%
C4
0.047
µF
C6
0.1
µF
VOUT
–3V
250mA
LT1372 • TA05
VIN
5V
C3
47
µF
16V
C1
22
µF
10V
C2
47
µF
16V
C5
0.0047
µF
•
•
4
1
3
L1*
2
D1**
SUMIDA CLS62-100L
MOTOROLA MBR0520LT3
PATENTS MAY APPLY
*
**
†
+
Dual Output Flyback Converter with Overvoltage Protection
Positive-to-Negative Converter with Direct Feedback
LT1372/LT1377
VIN
FB
VC
VIN
2.7V TO 13V
1
3
8
5
2
4
6, 7
*DALE LPE-4841-100MB (605) 665-9301
GND
NFB
LT1372 • TA04
VSW
S/S
P6KE-20A
1N4148
MBRS140T3
MBRS140T3
C1
22
µF
R2
1.21k
1%
R1
13k
1%
C2
0.047
µF
C3
0.0047
µF
R3
2k
R5
2.49k
1%
R4
12.1k
1%
–VOUT
–15V
VOUT
15V
C4
47
µF
C5
47
µF
ON
OFF
2, 3
6, 7
5
T1*
4
8
1
•
•
•
+
+
+
LT1372/LT1377
VIN
VC
VIN
2.7V TO 16V
1
3
8
5
4
6, 7
*COILTRONICS CTX10-2 (407) 241-7876
GND
NFB
LT1372 • TA03
VSW
S/S
D2
P6KE-15A
D3
1N4148
D1
MBRS130LT3
C1
22
µF
C2
0.047
µF
C3
0.0047
µF
R1
2k
R3
2.49k
1%
R2
2.49k
1%
–VOUT
†
–5V
C4
47
µF
ON
OFF
VIN
3V
5V
9V
IOUT
0.3A
0.5A
0.75A
2
1
4
T1*
3
•
•
†MAX I
OUT
+
+
D2
1N4148
Q2
1N5818
D1
1N4148
562
Ω*
20k
DIMMING
10k
330
Ω
10
1
2
3
4
5
Q1
10
µF
C1
0.1
µF
VIN
4.5V
TO 30V
VIN
VSW
VFB
VC
GND
S/S
5
8
4
2
1
6, 7
LT1372/LT1377
2
µF
0.1
µF
L1
33
µH
T1
LT1372 • TA06
C1 = WIMA MKP-20
L1 = COILCRAFT DT3316-333
T1 = COILTRONICS CTX 110609
* = 1% FILM RESISTOR
DO NOT SUBSTITUTE COMPONENTS
Q1, Q2 = ZETEX ZTX849 OR ROHM 2SC5001
LAMP
C2
27pF
5mA MAX
2.2
µF
2.7V TO
5.5V
22k
1N4148
OPTIONAL REMOTE
DIMMING
COILTRONICS (407) 241-7876
COILCRAFT (708) 639-6400
ON
OFF
CCFL BACKLIGHT APPLICATION CIRCUITS
CONTAINED IN THIS DATA SHEET ARE
COVERED BY U.S. PATENT NUMBER 5408162
AND OTHER PATENTS PENDING
+
+
+
90% Efficient CCFL Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com