Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1372
Description  500kHz and 1MHz High Efficiency 1.5A Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 1 Page - Linear Technology

  LT1372 Datasheet HTML 1Page - Linear Technology LT1372 Datasheet HTML 2Page - Linear Technology LT1372 Datasheet HTML 3Page - Linear Technology LT1372 Datasheet HTML 4Page - Linear Technology LT1372 Datasheet HTML 5Page - Linear Technology LT1372 Datasheet HTML 6Page - Linear Technology LT1372 Datasheet HTML 7Page - Linear Technology LT1372 Datasheet HTML 8Page - Linear Technology LT1372 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1372/LT1377
500kHz and 1MHz
High Efficiency
1.5A Switching Regulators
s
Boost Regulators
s
CCFL Backlight Driver
s
Laptop Computer Supplies
s
Multiple Output Flyback Supplies
s
Inverting Supplies
The LT
®1372/LT1377 are monolithic high frequency
switching regulators. They can be operated in all standard
switching configurations including boost, buck, flyback,
forward, inverting and “Cuk.” A 1.5A high efficiency switch
is included on the die, along with all oscillator, control and
protection circuitry. All functions of the LT1372/LT1377
are integrated into 8-pin SO/PDIP packages.
The LT1372/LT1377 typically consumes only 4mA quies-
cent current and has higher efficiency than previous parts.
High frequency switching allows for very small inductors
to be used. All surface mount components consume less
than 0.5 square inch of board space.
New design techniques increase flexibility and maintain
ease of use. Switching is easily synchronized to an exter-
nal logic level source. A logic low on the shutdown pin
reduces supply current to 12
µA. Unique error amplifier
circuitry can regulate positive or negative output voltage
while maintaining simple frequency compensation tech-
niques. Nonlinear error amplifier transconductance re-
duces output overshoot on start-up or overload recovery.
Oscillator frequency shifting protects external compo-
nents during overload conditions.
s
Faster Switching with Increased Efficiency
s
Uses Small Inductors: 4.7
µH
s
All Surface Mount Components
s
Only 0.5 Square Inch of Board Space
s
Low Minimum Supply Voltage: 2.7V
s
Quiescent Current: 4mA Typ
s
Current Limited Power Switch: 1.5A
s
Regulates Positive or Negative Outputs
s
Shutdown Supply Current: 12
µA Typ
s
Easy External Synchronization
s
8-Pin SO or PDIP Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
12V Output Efficiency
OUTPUT CURRENT (A)
0.01
50
60
70
80
90
0.1
1
LT1372 • TA02
100
VIN = 5V
5V-to-12V Boost Converter
LT1372/LT1377
VIN
VC
5V
1
2
8
5
4
6, 7
GND
FB
LT1372 • TA01
VSW
S/S
L1*
4.7
µH
C1**
22
µF
C4**
22
µF
C2
0.047
µF
C3
0.0047
µF
R3
2k
R2
6.19k
1%
R1
53.6k
1%
VOUT
†
12V
D1
MBRS120T3
ON
OFF
*FOR LT1372 USE 10
µH
COILCRAFT DO1608-472 (4.7
µH) OR
COILCRAFT DT3316-103 (10
µH) OR
SUMIDA CD43-4R7 (4.7
µH) OR
SUMIDA CD73-100KC (10
µH) OR
**AVX TPSD226M025R0200
L1
4.7
µH
10
µH
IOUT (LT1377)
0.25A
0.35A
IOUT (LT1372)
NA
0.29A
†MAX IOUT
+
+
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1372

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1372 LINER-LT1372 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372 LINER-LT1372 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1372CN8 LINER-LT1372CN8 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372CS8 LINER-LT1372CS8 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372HV LINER-LT1372HV Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
More results

Similar Description - LT1372

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1372 LINER-LT1372 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1377 LINER-LT1377_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com