Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1372
Description  500kHz and 1MHz High Efficiency 1.5A Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 5 Page - Linear Technology

  LT1372 Datasheet HTML 1Page - Linear Technology LT1372 Datasheet HTML 2Page - Linear Technology LT1372 Datasheet HTML 3Page - Linear Technology LT1372 Datasheet HTML 4Page - Linear Technology LT1372 Datasheet HTML 5Page - Linear Technology LT1372 Datasheet HTML 6Page - Linear Technology LT1372 Datasheet HTML 7Page - Linear Technology LT1372 Datasheet HTML 8Page - Linear Technology LT1372 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1372/LT1377
VC (Pin 1): The compensation pin is used for frequency
compensation, current limiting and soft start. It is the
output of the error amplifier and the input of the current
comparator. Loop frequency compensation can be per-
formed with an RC network connected from the VC pin to
ground.
FB (Pin 2): The feedback pin is used for positive output
voltage sensing and oscillator frequency shifting. It is the
inverting input to the error amplifier. The noninverting
input of this amplifier is internally tied to a 1.245V
reference. Load on the FB pin should not exceed 250
µA
when the NFB pin is used. See Applications Information.
NFB (Pin 3): The negative feedback pin is used for negative
output voltage sensing. It is connected to the inverting
input of the negative feedback amplifier through a 100k
source resistor.
S/S (Pin 4): Shutdown and Synchronization Pin. The S/S
pin is logic level compatible. Shutdown is active low and
the shutdown threshold is typically 1.3V. For normal
operation, pull the S/S pin high, tie it to VIN or leave it
floating. To synchronize switching, drive the S/S pin be-
tween 600kHz and 800kHz (LT1372) or 1.2MHz to 1.6MHz
(LT1377).
VIN (Pin 5): Bypass input supply pin with 10µF or more. The
part goes into undervoltage lockout when VIN drops below
2.5V. Undervoltage lockout stops switching and pulls the
VC pin low.
GND S (Pin 6): The ground sense pin is a “clean” ground.
The internal reference, error amplifier and negative feed-
back amplifier are referred to the ground sense pin. Con-
nect it to ground. Keep the ground path connection to the
output resistor divider and the VC compensation network
free of large ground currents.
GND (Pin 7): The ground pin is the emitter connection of
the power switch and has large currents flowing through it.
It should be connected directly to a good quality ground
plane.
VSW (Pin 8): The switch pin is the collector of the power
switch and has large currents flowing through it. Keep the
traces to the switching components as short as possible to
minimize radiation and voltage spikes.
–
+
NFBA
NFB
S/S
FB
100k
50k
0.08
Ω
EA
VC
VIN
GND
LT1372 • BD
GND SENSE
1.245V
REF
5:1 FREQUENCY
SHIFT
OSC
SYNC
SHUTDOWN
DELAY AND RESET
LOW DROPOUT
2.3V REG
ANTI-SAT
LOGIC
DRIVER
SW
SWITCH
–
+
IA
AV ≈ 6
COMP
PI FU CTIO S
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com