Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2615 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 9Page - STMicroelectronics AN2615 Datasheet HTML 10Page - STMicroelectronics AN2615 Datasheet HTML 11Page - STMicroelectronics AN2615 Datasheet HTML 12Page - STMicroelectronics AN2615 Datasheet HTML 13Page - STMicroelectronics AN2615 Datasheet HTML 14Page - STMicroelectronics AN2615 Datasheet HTML 15Page - STMicroelectronics AN2615 Datasheet HTML 16Page - STMicroelectronics AN2615 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2615
Characteristics of different slope converters
13/37
6.3
Solution presented in this application note
In this application note, a single supply ADC for positive and negative input voltages is
described. It's input voltage is proportional to the inverse of the time measured. We can see
in Figure 9 below that as the input voltage becomes closer to V1, the conversion time also
increases. For an input of V1, the conversion time is infinite (1/Tm = 0 in Figure 9). So the
input voltage range depends on the value of V1 and the maximum delay that the application
can tolerate.
Figure 9.
VIN versus time in AN2615 solution
1.
Vin = V1 - (R * C) * (V3 -V2) /Tm
The significant advantage of this ADC is its ability to measure positive and negative input
voltages operating from single supply, while other solutions require a dual supply. Also this
converter does not require any negative voltage reference. Again, as in the single slope
converter, the major sources of error are the correction factor for R*C product and the input
offset voltage.
As shown Figure 9, the ADC is capable of measuring the input voltage ranging +Vref to -Vref,
where the absolute value of Vref is mod (Vref) < V1 so the input voltage range depends on
the value of V1.
1/Tm
Positive
input
Negative
input
-Vref
Total input range (+Vref to -Vref)
V0
Vin
V1
+Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com