Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2615 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 18Page - STMicroelectronics AN2615 Datasheet HTML 19Page - STMicroelectronics AN2615 Datasheet HTML 20Page - STMicroelectronics AN2615 Datasheet HTML 21Page - STMicroelectronics AN2615 Datasheet HTML 22Page - STMicroelectronics AN2615 Datasheet HTML 23Page - STMicroelectronics AN2615 Datasheet HTML 24Page - STMicroelectronics AN2615 Datasheet HTML 25Page - STMicroelectronics AN2615 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Result
AN2615
22/37
Figure 14 shows the relationship between the voltage measured by the ADC Vmeasured
(average of the 16 readings measured by the converter) and the input voltage Vin.
Figure 14.
Measured vs input for positive voltages
Figure 15 shows the relationship between the error voltage (as given in Table 1 in the
column ‘difference (Vmeasured - Vin’)) and the input voltage Vin.
Figure 15.
Error vs input for positive input voltages
Note:
It may be seen from the readings in Table 1 and Figure 15, that for the positive input
between 0 to 1 V the maximum error is around 500 µV for an average of 16 conversions.
Thus the difference between the maximum and minimum values in a loop of 16 is around
500 µV. This shows that averaging has increased accuracy. The accuracy without averaging
is approx 1mV.
The variations of the 16 values may be due to changes in the input voltage itself, as the time
taken for 16 readings is very long (around 16 s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com