Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2615 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 28Page - STMicroelectronics AN2615 Datasheet HTML 29Page - STMicroelectronics AN2615 Datasheet HTML 30Page - STMicroelectronics AN2615 Datasheet HTML 31Page - STMicroelectronics AN2615 Datasheet HTML 32Page - STMicroelectronics AN2615 Datasheet HTML 33Page - STMicroelectronics AN2615 Datasheet HTML 34Page - STMicroelectronics AN2615 Datasheet HTML 35Page - STMicroelectronics AN2615 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Bill of materials
AN2615
32/37
Appendix C
Bill of materials
Table 3 gives the bill of material for each block of the schematics shown in Figure 24.
Table 3.
Bill of materials
Block
Designator
Part type/number
Description
ADC
R13
1E
Resistor
R10
10
kΩ
Resistor
U3
LM358
Dual op-amp
U4
LM358
Dual op-amp
C14
100 µF
Capacitor
Q2
STB100NF03L
N - MOSFET
Q1
STB100NF03L
N - MOSFET
D3
IN4007
Diode
Voltage references
C8
100 nF
Capacitor
C9
100 nF
Capacitor
C10
100 nF
Capacitor
C11
100 nF
Capacitor
C7
100 nF
Capacitor
C6
100 nF
Capacitor
R6
2.2
kΩ
Resistor
R7
2.2
kΩ
Resistor
R5
3.3
kΩ
Resistor
R4
3.3
kΩ
Resistor
R2
3.5
kΩ
Resistor
R3
1.5
kΩ
Resistor
SCI
U5
ST3232
Line driver
C18
1µF 16 V
Capacitor
C19
1µF 16 V
Capacitor
C20
1µF 16 V
Capacitor
C21
1µF 16 V
Capacitor
J5
jumper
CON-2
J7
jumper
CON-2
J6
jumper
CON-2
C13
100 nF
Capacitor
J8
DB9
9 pin connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com