Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2657 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2657 Datasheet HTML 3Page - STMicroelectronics AN2657 Datasheet HTML 4Page - STMicroelectronics AN2657 Datasheet HTML 5Page - STMicroelectronics AN2657 Datasheet HTML 6Page - STMicroelectronics AN2657 Datasheet HTML 7Page - STMicroelectronics AN2657 Datasheet HTML 8Page - STMicroelectronics AN2657 Datasheet HTML 9Page - STMicroelectronics AN2657 Datasheet HTML 10Page - STMicroelectronics AN2657 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN2657
Model description and parameter extraction
7/18
L is the physical channel length of the MOS, while L0 influences the output conductance
which depends on KE and EPS. DEL and DELVG affect the VDSAT and are extracted from
the output characteristics in the saturation region. As mentioned previously, all the equations
have been implemented in verilog language.
JFET resistance
The quasi-saturation region is modeled by a nonlinear JFET resistor. The mathematical
empirical equation is defined in Equation 12, where pres depends on the current and on the
drop voltage across Rj.
Equation 12
Figure 2.
Rjfet vs. Vds
Useful to delete any convergence problem, Figure 2 shows the resistor law for the variation
of Vds (using the right hand function approach) (Equation 13). A similar graph and function
can be obtained by varying Vgs [3].
Equation 13
The function g(pres) was created to bind the Rj to the current Id. This is accomplished by
introducing a new parameter linked to the dissipated power on Rj (Equation 14), where pres
is linked to the dissipated power on Rj through RPWR.
Equation 14
h(T) (Equation 15), introduces the temperature dependence of Rj, where TCR1 and TCR2
are temperature coefficients in the linear region.
Rj is extracted from the DC output characteristics in the linear region with high bias current.
R
j
fVds Vgs
,
() gpres
() hT
()
⋅
⋅
=
R
j Vds
()
RI0
SR
FSI
Log
10 110
Vds
VDI
–
FSI
----------------------------
+
⎝⎠
⎜⎟
⎛⎞
FSF
Log
10 110
Vds
VDF
–
FSF
------------------------------
+
⎝⎠
⎜⎟
⎛⎞
⋅
–
⋅
⋅
+
=
gpres
() 1
PCR1
PCR2
pres
⋅
+
() pres
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com