Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2657 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2657 Datasheet HTML 1Page - STMicroelectronics AN2657 Datasheet HTML 2Page - STMicroelectronics AN2657 Datasheet HTML 3Page - STMicroelectronics AN2657 Datasheet HTML 4Page - STMicroelectronics AN2657 Datasheet HTML 5Page - STMicroelectronics AN2657 Datasheet HTML 6Page - STMicroelectronics AN2657 Datasheet HTML 7Page - STMicroelectronics AN2657 Datasheet HTML 8Page - STMicroelectronics AN2657 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN2657
List of figures
3/18
List of figures
Figure 1.
Model schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Rjfet vs. Vds. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Gate-drain charge variation vs. Vds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Generic internal RF package structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
PowerFLAT cross-section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
Simulated version of the PowerFLAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
S-parameters of the simulated package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Overall model schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Measured Ciss, Coss, Crss vs. simulated parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Measured S-parameters vs. simulated parameters (Vds= 7.2 V; Idq= 100 mA) . . . . . . . . 14
Figure 11.
Measured input and output DC curves vs. simulated curves . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
DB-54003L-175 demoboard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
Measured RF demonstration board performance vs simulated performance. . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com