Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4B Datasheet(PDF) 4 Page - NEC

Part # UPD6P4B
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4B Datasheet(HTML) 4 Page - NEC

  UPD6P4B Datasheet HTML 1Page - NEC UPD6P4B Datasheet HTML 2Page - NEC UPD6P4B Datasheet HTML 3Page - NEC UPD6P4B Datasheet HTML 4Page - NEC UPD6P4B Datasheet HTML 5Page - NEC UPD6P4B Datasheet HTML 6Page - NEC UPD6P4B Datasheet HTML 7Page - NEC UPD6P4B Datasheet HTML 8Page - NEC UPD6P4B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
µPD6P4B
Data Sheet U13594EJ2V0DS00
LIST OF FUNCTIONS
Item
µPD6P4B
ROM capacity
1002
× 10 bits
One-time PROM
RAM capacity
32
× 4 bits
Stack
1 level (shared with RF of RAM)
I/O pin
Key input (KI)
: 4 pins
Key I/O (KI/O)
: 8 pins
Key expansion input (S0, S1)
: 2 pins
Remote control transmitter display output (LED)
: 1 pin (shared with S1 pin)
Number of keys
32 keys
48 keys (when expanded by key expansion input)
96 keys (when expanded by key expansion input and diode)
Clock frequency
Ceramic oscillation
fX = 2.4 to 4 MHz
fX = 4 to 8 MHzNote
Instruction execution time
16
µs (at fX = 4 MHz)
Carrier frequency
fX/8, fX/16, fX/64, fX/96, fX/128, fX/192, no carrier (high level)
Timer
9-bit programmable timer
: 1 channel
POC circuit
Provided
Supply voltage
VDD = 2.2 to 3.6 V (fX = 2.4 to 4 MHz), VDD = 2.7 to 3.6 V (fX = 4 to 8 MHz)
Operating ambient
• TA = –40 to +85
°C
temperature
• TA = –20 to +70
°C (when using POC circuit)
Package
• 20-pin plastic SOP (300 mil)
• 20-pin plastic SSOP (300 mil)
Note It is necessary to design the application circuit so that the RESET pin goes low at a supply voltage of less
than 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com