Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4B Datasheet(PDF) 1 Page - NEC

Part # UPD6P4B
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4B Datasheet(HTML) 1 Page - NEC

  UPD6P4B Datasheet HTML 1Page - NEC UPD6P4B Datasheet HTML 2Page - NEC UPD6P4B Datasheet HTML 3Page - NEC UPD6P4B Datasheet HTML 4Page - NEC UPD6P4B Datasheet HTML 5Page - NEC UPD6P4B Datasheet HTML 6Page - NEC UPD6P4B Datasheet HTML 7Page - NEC UPD6P4B Datasheet HTML 8Page - NEC UPD6P4B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
©
1998,1999
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
The
µPD6P4B is a microcontroller for infrared remote control transmitters which is provided with a one-time
PROM as the program memory.
Because users can write programs for the
µPD6P4B, it is ideal for program evaluation and small-scale production
of the application systems using the
µPD62, 63, 63A, or 64.
When reading this document, also refer to the
µPD62 Data Sheet (U14208E) and the µPD63, 63A, 64 Data
Sheet (U11371E).
FEATURES
• Program memory (one-time PROM) : 1002
× 10 bits
• Data memory (RAM)
: 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 16
µs (when operating at fX = 4 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0)
: 1 unit
•S1/LED pin (I/O)
: 1 unit (In output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 2.2 to 3.6 V (at fX = 4 MHz)
VDD = 2.7 to 3.6 V (at fX = 8 MHz)
• Operating ambient temperature
: TA = –40 to +85
°C
• Oscillator frequency
: fX = 2.4 to 8 MHz
• POC circuit
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
MOS INTEGRATED CIRCUIT
µPD6P4B
Document No. U13594EJ2V0DS00 (2nd edition)
Date Published May 1999 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD6P4B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6P4B RENESAS-UPD6P4B Datasheet
305Kb / 34P
MOS INTEGRATED CIRCUIT
1999
UPD6P4BGS RENESAS-UPD6P4BGS Datasheet
305Kb / 34P
MOS INTEGRATED CIRCUIT
1999
UPD6P4BMC-5A4 RENESAS-UPD6P4BMC-5A4 Datasheet
305Kb / 34P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD6P4B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com