Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4B Datasheet(PDF) 17 Page - NEC

Part # UPD6P4B
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4B Datasheet(HTML) 17 Page - NEC

Back Button UPD6P4B Datasheet HTML 13Page - NEC UPD6P4B Datasheet HTML 14Page - NEC UPD6P4B Datasheet HTML 15Page - NEC UPD6P4B Datasheet HTML 16Page - NEC UPD6P4B Datasheet HTML 17Page - NEC UPD6P4B Datasheet HTML 18Page - NEC UPD6P4B Datasheet HTML 19Page - NEC UPD6P4B Datasheet HTML 20Page - NEC UPD6P4B Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet U13594EJ2V0DS00
17
µPD6P4B
AC Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Instruction execution time tCY
15.9
27
µs
VDD = 2.7 to 3.6 VNote 1
7.9
27
µs
KI, S0, S1 high-level width
tH
10
µs
When canceling Standby mode
HALT mode
10
µs
STOP mode
Note 2
µs
RESET low-level width
tRSL
10
µs
Notes 1. When using at fX = 4 MHz or higher, it is necessary to design the application circuit so that the RESET
pin goes low when the supply voltage is less than 2.7 V.
2. 10 + 286/fX + oscillation growth time
Remark tCY = 64/fX (fX: System clock oscillator frequency)
POC CircuitNote 1 (TA = –20 to +70
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
POC-detected voltageNote 2
VPOC
1.8
2.0
2.2
V
POC circuit current
IPOC
1.2
1.5
µA
Notes 1. Operates effectively under the conditions of fX = 2.4 to 4 MHz.
2. Refers to the voltage with which the POC circuit cancels an internal reset. If VPOC < VDD, the internal
reset is canceled.
From the time of VPOC
≥ VDD until the internal reset takes effect, lag of up to 1 ms occurs. When the
period of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
2.4
3.64
4.0
MHz
(ceramic resonator)
Note
2.4
3.64
8.0
MHz
Note When using at fX = 4 MHz or higher, it is necessary to design the application circuit so that the RESET
pin goes low when the supply voltage is less than 2.7 V.
An external circuit example
XIN
XOUT
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com