Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2737 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2737
Description  Basic in-application programming example
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2737 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2737 Datasheet HTML 5Page - STMicroelectronics AN2737 Datasheet HTML 6Page - STMicroelectronics AN2737 Datasheet HTML 7Page - STMicroelectronics AN2737 Datasheet HTML 8Page - STMicroelectronics AN2737 Datasheet HTML 9Page - STMicroelectronics AN2737 Datasheet HTML 10Page - STMicroelectronics AN2737 Datasheet HTML 11Page - STMicroelectronics AN2737 Datasheet HTML 12Page - STMicroelectronics AN2737 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN2737
IAP example with I2C
9/16
1.3.4
Current write command
The current write command allows data to be written in the Flash program memory or data
EEPROM of the STM8, starting from the current address which is set to 4000h after a
firmware reset.
The packet sequence to achieve a ‘current write’ with the Aardvark software and the STM8
I2C is summarized in Figure 7.
Figure 7.
Current write packet sequence
The following points explain how to write current bytes using the Aardvark software:
1.
Select the master tabsheet, set the slave address and the bitrate, and uncheck the 10-
bit addressing as per Section 1.3.2: Current read command on page 5.
2.
Enter the data to be writen in the Flash program memory at the current address in the
‘message window’ text box.
3.
Uncheck the ‘no stop’ option.
4.
Press the ‘master write’ button to send the data to the firmware.
At the end of this command, the data are written in the Flash program memory. They can be
verified using the STVD memory window. The LCD displays the message ‘writing OK’.
1.3.5
Random write command
The random write command allows data to be written in the Flash program memory or data
EEPROM of the STM8, starting from any address in the range 8000h—027FFFh or
4000h—47FFh.
The packet sequence to achieve a ‘random write’ with the Aardvark software and the STM8
I2C is summarized in Figure 8
Figure 8.
Random write packet sequence
Two steps are required to perform a random write with the Aardvark host adapter software.
Step1 sends the first address to be writen to the firmware. This is done as follows:
1.
Select the master tabsheet, set the slave address and the bitrate, and uncheck the 10-
bit addressing mode option as per Section 1.3.2: Current read command on page 5.
2.
Enter the ‘start address’ in the ‘message window’ text box. It corresponds to the first
address to be writen to the Flash program memory.
3.
Check the ‘no stop’ option.
4.
Press the ‘master write’ button to send the start address to the firmware.
At the end of this command, the firmware has initialized its internal pointer address to the
address sent above.
ADD SLV DEVICE-W
ACK-S
Bytes sent by master
ACK-S
STOP
START
START
ADD SLV DEVICE-W
ACK-S
ACK-S
Current write
Start program address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com