Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2737 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2737
Description  Basic in-application programming example
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2737 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2737 Datasheet HTML 8Page - STMicroelectronics AN2737 Datasheet HTML 9Page - STMicroelectronics AN2737 Datasheet HTML 10Page - STMicroelectronics AN2737 Datasheet HTML 11Page - STMicroelectronics AN2737 Datasheet HTML 12Page - STMicroelectronics AN2737 Datasheet HTML 13Page - STMicroelectronics AN2737 Datasheet HTML 14Page - STMicroelectronics AN2737 Datasheet HTML 15Page - STMicroelectronics AN2737 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IAP example with SPI
AN2737
14/16
2.3.3
Write command
The write command allows data in the Flash program memory of the STM8 to be written,
starting from any Flash addressing range.
The packet sequence to achieve a ‘write’ with the Aardvark software and STM8 SPI is
explained below and is summarized in Figure 13 and Figure 14.
As per Section 2.3.2: Read command on page 12, select the master tabsheet, set the
bitrate (for write operations up to 8 MHz can be chosen), select the rising/falling polarity and
the sample/setup phase, and set the active low option for the SS pin.
Two steps are then required to carry out a write command.
Step 1: In the ‘message window’ text box enter the OPC-WREN value (06h) and press
‘send’. This byte is used to activate the write mode.
Step 2: In the ‘message window’ text box enter OPC-WRT ADD DATA-W and press ‘send’.
For example, 02 01 90 FF AA 55 BB 66 programs 4 bytes starting from address 0190FFh.
Figure 13.
Step 1 of the write packet sequence using Aardvark software
Figure 14.
Step 2 of the write packet sequence using Aardvark software
In step 2, a maximun of 128 bytes can be programmed. When step 2 is finished, the NSS
signal rises up and the Flash is programmed with the DATA-W bytes at the ADD address.
At the end of this command, the data are written in the Flash memory. They can be verified
using the STVD memory window or by performing an SPI read.
OPC-WREN
00h
MOSI line
MISO line
OPC-WRT
ADD
DATA-W
00h
00h
0x00 (1 byte per byte programmed)
MOSI line
MISO line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com