Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2737 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2737
Description  Basic in-application programming example
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2737 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2737 Datasheet HTML 8Page - STMicroelectronics AN2737 Datasheet HTML 9Page - STMicroelectronics AN2737 Datasheet HTML 10Page - STMicroelectronics AN2737 Datasheet HTML 11Page - STMicroelectronics AN2737 Datasheet HTML 12Page - STMicroelectronics AN2737 Datasheet HTML 13Page - STMicroelectronics AN2737 Datasheet HTML 14Page - STMicroelectronics AN2737 Datasheet HTML 15Page - STMicroelectronics AN2737 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN2737
IAP example with SPI
13/16
The following points explain how to read different bytes using the Aardvark software:
1.
Select the master tabsheet.
2.
Set the bitrate to 4000 kHz using the ‘bitrate’ field and the ‘set’ button.
3.
Select the polarity as rising/falling.
4.
Select the phase as sample/setup.
5.
Set the bit order to MSB.
6.
Set the SS pin as active low (Aardvark SS pin is connected to the STM8 NSS).
7.
For example, enter the following sequence: 03 00 40 00 00 00 00 00 00 00 00. The
value 03 sets the ‘read’ flag. The three bytes 00, 40, and 00 are the ‘read start
address’. The seven ‘00’ bytes correspond to the number of bytes to be read.
8.
Press the ‘send’ button.
Figure 11 illustrates the different steps entered on the Aardvark software.
Figure 11.
Reading bytes using the Aardvark software
Figure 12 shows the read values displayed in the transaction log window of the Aardvark
software.
Figure 12.
Read values of the Aardvark software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com