Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2859 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics AN2859 Datasheet HTML 16Page - STMicroelectronics AN2859 Datasheet HTML 17Page - STMicroelectronics AN2859 Datasheet HTML 18Page - STMicroelectronics AN2859 Datasheet HTML 19Page - STMicroelectronics AN2859 Datasheet HTML 20Page - STMicroelectronics AN2859 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DocID15255 Rev 2
17/29
AN2859
Application example
29
5
Application example
The first step is to calculate R1 and R3 resistor values using Equation 13. The second step
is to choose the R2 and R4 resistor values to fulfil equations14 and 15 (see alsoTable 4).
The third step is to calculate the window detection levels (see Table 5) according to
equations 5, 6, 7, 8, 9, 10, 11, 18, 19, 20, 21, 22, 23 and 24. The window detection digital
levels will be stored in the MCU firmware to distinguish the state of each AC switch.
Table 3. Defined values of the application
Symbol
Value
Unit
IAVF_Max
5mA
VCC_Min
4.5
V
VCC_Max
5.5
V
VAVF_L_Min
0V
VAVF_L_Max
1
V
N (MCU ADC resolution)
10
bits
Table 4. R1, R2, R3 and R4 resistor values
Resistor settings
Standard value (5% tolerance)
R1 = R3 > 1.1 kΩ
2.2 k
Ω
R2
15 k
Ω
R4
6.8 k
Ω
Table 5. Detection window values
Windows detection level
Analog values (Volts)
Equivalent digital values
Max.
Min.
Max.
Min.
V0
1.105
0
252
0
V1
2.514
1.154
501
262
V2
4.214
2.545
802
579
V3
5.5
4.5
1024
> 802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com