Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2859 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2859 Datasheet HTML 1Page - STMicroelectronics AN2859 Datasheet HTML 2Page - STMicroelectronics AN2859 Datasheet HTML 3Page - STMicroelectronics AN2859 Datasheet HTML 4Page - STMicroelectronics AN2859 Datasheet HTML 5Page - STMicroelectronics AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DocID15255 Rev 2
3/29
AN2859
Multiplexed diagnostics
29
1
Multiplexed diagnostics
1.1
Principle
The multiplexed diagnostic allows the detection of the state of several AC switches
independently using only one MCU input. In this case, an analog/digital converter input
(ADC) of the MCU should be used and must be configured with no pull-up resistor. In this
document, only the multiplexed diagnostic of two STCC08 (STCC081 and STCC082) is
described (see Figure 2). Note that two output pins of an MCU should be used to control
each STCC08 (IN1 and IN2).
Figure 2. Multiplexed diagnostic schematic of two STCC08
To distinguish the state of each AC switch (ACS1 and ACS2) a divider bridge is used.
Resistors R1, R2, R3 and R4 are designed to convert the VAVF digital signal given by each
STCC08 (VAVF1 and VAVF2) into an analog signal (VSTATE). Knowing the control state of
each STCC08 (IN1 and IN2), the MCU is able to identify the state of each AC switch by
analyzing the VSTATE signal (see Section 1.2).
Note:
The STCC08 AVF output is an open collector output. Resistors R1 and R3 bias the
STCC08 AVF output and limit the collector current to 5 mA. For further information, and in
particular, resistor values for RAC, Rshunt, and RIG, refer to the ST Application note AN2716.
AVF
R
IG
AC
IN2
G
MCU
AVF
Load2
Line
Neutral
ACS2
STCC08
2
AVF
VCC
GND
RIG
AC
IN1
G
AVF
GND
Load1
Line
Neutral
ACS1
VCC
VCC
R1
R2
R3
R4
VSTATE
VAVF2
VAVF1
STCC08
1
RAC
RAC
RShunt
RShunt
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com