Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2859 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2859 Datasheet HTML 1Page - STMicroelectronics AN2859 Datasheet HTML 2Page - STMicroelectronics AN2859 Datasheet HTML 3Page - STMicroelectronics AN2859 Datasheet HTML 4Page - STMicroelectronics AN2859 Datasheet HTML 5Page - STMicroelectronics AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
July 2014
DocID15255 Rev 2
1/29
29
AN2859
Application note
Multiplexed diagnostics of AC switches
using two STCC08
Introduction
The aim of this application note is to present opportunities to reduce the number of input
pins used on a microcontroller unit (MCU) to diagnose failures of several AC switches with
the STCC08. This document deals with the multiplexed diagnostics of two STCC08 and
gives technical recommendations on the implementation of this solution.
STCC08 overview
The STCC08 has been designed to improve home appliance safety. This new device can
drive an AC switch (Triac, ACST and ACS) with a gate current IGT up to 10 mA and to send
back to the microcontroller unit a signal image of the voltage across the controlled AC
switch (this signal defines the AC switch state). The STCC08 has three functional blocks
(see Figure 1).
• A "gate driver" block used to drive an AC switch and to interface directly the STCC08 with
the MCU (CMOS compatible)
• A "power switch signal shaping" block used to measure the AC switch voltage in both AC
line cycles
• An "AVF driver" block used to give an image of the AC switch voltage to the MCU (digital
information)
Figure 1. STCC08 block diagram
For more information about the STCC08, please refer to the ST Application note AN2716.
AVF
VCC
GND
RIG
AC
IN
G
Power switch
signal shaping
AVF driver
Gate driver
+
-
AVF
GND
STCC08
STCC08
AC
RIG
G
AVF
IN
GND
VCC
N/C
SO -8
1
2
3
4
8
5
6
7
www.st.com


Similar Part No. - AN2859

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2852 STMICROELECTRONICS-AN2852 Datasheet
1Mb / 35P
This document describes the characteristics and performance of a 90 W wide range input
28-Jan-2009
AN2855 STMICROELECTRONICS-AN2855 Datasheet
103Kb / 8P
Configuration for single-click
17-Feb-2009
AN2857 STMICROELECTRONICS-AN2857 Datasheet
274Kb / 31P
STM8S and STM8A family power management
25-Aug-2011
More results

Similar Description - AN2859

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
Maxim Integrated Produc...
MAX14805 MAXIM-MAX14805 Datasheet
1Mb / 14P
16-Channel (Two Banks of 8-Channel), High-Voltage Analog Switches
Rev 0; 4/10
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
Advanced light control and diagnostics using
17-Sep-2013
AN2716 STMICROELECTRONICS-AN2716 Datasheet
1Mb / 28P
STCC08 application guidelines
16-Jun-2010
logo
Allegro MicroSystems
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Diodes Incorporated
AH3241Q DIODES-AH3241Q Datasheet
1Mb / 19P
TWO-WIRE AUTOMOTIVE HALL SWITCHES INTEGRATED SELF-DIAGNOSTICS
November 2022 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com