Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1588 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology LTC1588 Datasheet HTML 10Page - Linear Technology LTC1588 Datasheet HTML 11Page - Linear Technology LTC1588 Datasheet HTML 12Page - Linear Technology LTC1588 Datasheet HTML 13Page - Linear Technology LTC1588 Datasheet HTML 14Page - Linear Technology LTC1588 Datasheet HTML 15Page - Linear Technology LTC1588 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1588/LTC1589/LTC1592
1588992fa
APPLICATIO S I FOR ATIO
Figure 3. Isolated Power Supplies for the Circuit of Figure 4
3
••
••
13
11
R1
1M
R9
10k
R2
16.9k
R3
15k
T1
CTX02-16030
D1
MMBD914
D2
MMBD914
D3
MMBD914
C3
22
µF
25V
CER
24
14
5
3
2
5
1
3
D4
MMBD914
C22
2.2nF
1kV
E1
VIN
5V
±5%
E5
SHDN
E7
SYNC
E6
GND
C1
4.7
µF
6.3V
C2
820pF
5
6
7
14
4
RSL
PGND
PGND
GND
COLB
RT
10
1
16
CT
SYNC
COLA
SHDN
VIN
LT3439
C7
0.01
µF
2.2
µF
5V
C8
0.01
µF
C4
22
µF
25V
CER
R10
10k
R4
442k
R7
442k
R5
49.9k
12V
AGND
–12V
1588992 F03
C5
33
µF
25V
TANT
R6
49.9k
IN
OUT
BYP
LT1761
GND ADJ
IN
OUT
BYP
LT1964
GND ADJ
+
C6
33
µF
25V
TANT
+
LT1121-5
VIN
–
+
1/2 LT1469
1/2 LT1469
12-/14-/16-BIT DAC WITH SPAN ADJUST
LTC1588/LTC1589/LTC1592
RCOM
1
R1
2
VCC
0.1
µF
9
R2
R2
R1
16
ROFS
3
7
5
VREF
5V
6
REF
15
RFB
IOUT1
VOUT
4
6
1
23
IOUT2
2
3
*SCHOTTKY BARRIER DIODE
**FOR MULTIPLYING APPLICATIONS C3 = 15pF
ZETEX*
BAT54S
LT1001
5V
5
1
2
3
IOUT2
AGND
GND
CLR
CS/LD
SCK
SDI
SDO
6
7
8
14
13
12
11
10
C3**
150pF
C2
15pF
1588992 F02
15V
–15V
8
4
0.1
µF
0.1
µF
1000pF
ALTERNATE AMPLIFIER FOR OPTIMUM SETTLING TIME PERFORMANCE
6
1
23
6
LT1468
3
ZETEX
BAT54S
2
200
Ω
200
Ω
IOUT2
Figure 2. Basic Connections for SoftSpan VOUT DAC with Two Optional Circuits
for Driving IOUT2 from AGND with a Force/Sense Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com