Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1588 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1588 Datasheet HTML 2Page - Linear Technology LTC1588 Datasheet HTML 3Page - Linear Technology LTC1588 Datasheet HTML 4Page - Linear Technology LTC1588 Datasheet HTML 5Page - Linear Technology LTC1588 Datasheet HTML 6Page - Linear Technology LTC1588 Datasheet HTML 7Page - Linear Technology LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology LTC1588 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1588/LTC1589/LTC1592
1588992fa
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1588992 G06
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
Integral Nonlinearity
vs Reference Voltage
in Bipolar Mode
Differential Nonlinearity
vs Reference Voltage
in Unipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1588992 G07
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Nonlinearity
vs Reference Voltage
in Bipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1588992 G08
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
(LTC1592)
PI FU CTIO S
RCOM (Pin 1): Center Tap Point of the Two Bipolar Resis-
tors R1 and R2. Normally tied to the inverting input of an
external amplifier. When these resistors are not used,
connect this pin to ground. The absolute maximum volt-
age range on this pin is – 0.3V to 12V.
R1 (Pin 2): Bipolar Resistor R1. The main reference input
VREF, typically 5V. Accepts up to ±15V. Normally tied to
ROFS (Pin 3) and the reference input voltage VREF (5V).
When not used connect this pin to ground.
ROFS (Pin 3): Bipolar Offset Network. This pin provides the
offset of the output voltage range for bipolar modes.
Accepts up to
±15V. Normally tied to R1 and the reference
input voltage VREF (5V). Alternatively, this pin may be
driven from a different voltage than VREF.
RFB (Pin 4): Feedback Network. Normally tied to the output
of the current to voltage converter op amp. Range limited
to
±15V.
Full-Scale Settling Waveform
GATED
SETTLING
WAVEFORM
500
µV/DIV
LD PULSE
5V/DIV
500ns/DIV
1592 G04
USING LT1468 OP AMP
CFEEDBACK = 20pF
0V TO 10V STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com