Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1588 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 4 Page - Linear Technology

  LTC1588 Datasheet HTML 1Page - Linear Technology LTC1588 Datasheet HTML 2Page - Linear Technology LTC1588 Datasheet HTML 3Page - Linear Technology LTC1588 Datasheet HTML 4Page - Linear Technology LTC1588 Datasheet HTML 5Page - Linear Technology LTC1588 Datasheet HTML 6Page - Linear Technology LTC1588 Datasheet HTML 7Page - Linear Technology LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1588/LTC1589/LTC1592
1588992fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2:
±1LSB = ±0.0015% of full scale = ±15.3ppm of full scale
(LTC1592).
±1LSB = ±0.006% of full scale = ±61.2ppm of full scale
(LTC1589).
±1LSB = 0.024% of full scale = ±244.8ppm of full scale
(LTC1588).
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: IOUT1 with DAC register loaded to all 0s.
Note 6: Typical temperature coefficient is 100ppm/
°C.
Note 7: To 0.0015% for a full-scale change, measured from the falling
edge of LD for the LTC1592 only.
Note 8: REF = 6VRMS at 1kHz. DAC register loaded with all 1s. Output
amplifier = LT1468.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = TMIN to TMAX, VCC = 5V, VREF = 5V, IOUT2 = AGND = GND = 0V.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Supply Voltage
q
4.5
5
5.5
V
ICC
Supply Current, VCC
Digital Inputs = 0V or VCC
q
10
µA
Note 9: Calculation from en = √4kTRB where: k = Boltzmann constant
(1.38E-23 J/
°K); R = resistance (Ω); T = temperature (°K); B = bandwidth
(Hz).
Note 10: Midscale transition code: 32767 to 32768 for the LTC1592, 8191
to 8192 for the LTC1589, 2047 to 2048 for the LTC1588.
Note 11: R1 and R2 are measured between R1 and RCOM, R2 and RCOM.
Note 12: If a continuous clock is used with data changing on the rising
edge of SCK, setup and hold time (t1, t2) will limit the maximum clock
frequency. If data changes on the falling edge of SCK then the setup time
will limit the maximum clock frequency to 8MHz (continuous 50% duty
cycle clock).
Note 13: SDO propagation delay and SDI setup time (t8, t1) limit the
maximum clock frequency for daisy chaining.
TYPICAL PERFOR A CE CHARACTERISTICS
TIME (
µs)
0
–10
0
10
0.6
1.0
1588992 G03
–20
–30
–40
0.2
0.4
0.8
20
30
40
USING AN LT1468
CFEEDBACK = 30pF
VREF = 10V
1nV-s TYPICAL
Midscale Glitch Impulse
(LTC1588/LTC1589/LTC1592)
Supply Current vs Input Voltage
INPUT VOLTAGE (V)
0
3
4
5
4
1588992 G09
2
1
0
1
2
3
5
VCC = 5V
ALL DIGITAL INPUTS
TIED TOGETHER
Logic Threshold vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
234
1588992 G10
57
6
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com