Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003GC Datasheet(PDF) 72 Page - NEC

Part # UPD703003GC
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003GC Datasheet(HTML) 72 Page - NEC

Back Button UPD703003GC Datasheet HTML 68Page - NEC UPD703003GC Datasheet HTML 69Page - NEC UPD703003GC Datasheet HTML 70Page - NEC UPD703003GC Datasheet HTML 71Page - NEC UPD703003GC Datasheet HTML 72Page - NEC UPD703003GC Datasheet HTML 73Page - NEC UPD703003GC Datasheet HTML 74Page - NEC UPD703003GC Datasheet HTML 75Page - NEC UPD703003GC Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
µPD703003
72
Data Sheet U12261EJ2V1DS00
(9) CSI timing (1/2)
(a) Master mode
(i)
Timing of CSI0 to CSI2
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67> tCYSK1
Output
160
120
ns
SCKn high-level width
<68> tWSKH1
Output
0.5tCYSK1 – 20
0.5tCYSK1 – 20
ns
SCKn low-level width
<69> tWSKL1
Output
0.5tCYSK1 – 20
0.5tCYSK1 – 20
ns
SIn setup time (to SCKn
↑)
<70> tSSISK1
50
50
ns
SIn hold time (from SCKn
↑)
<71> tHSKSI1
00
ns
SOn output delay time (to SCKn
↓) <72> tDSKSO1
18
18
ns
SOn output hold time (from SCKn
↑) <73> tHSKSO1
0.5tCYSK1 – 5
0.5tCYSK1 – 5
ns
Remark n = 0 to 2
(ii) Timing of CSI3
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
SCK3 cycle
<67> tCYSK3
Output
RL = 1.5 k
Ω
500
500
ns
SCK3 high-level width
<68> tWSKH3
Output
CL = 50 pF
0.5tCYSK3 – 150
0.5tCYSK3 – 150
ns
SCK3 low-level width
<69> tWSKL3
Output
0.5tCYSK3 – 70
0.5tCYSK3 – 70
ns
SI3 setup time (to SCK3
↑)
<70> tSSISK3
100
100
ns
SI3 hold time (from SCK3
↑)
<71> tHSKSI3
50
50
ns
SO3 output delay time (to SCK3
↓) <72> tDSKSO3
RL = 1.5 k
Ω
150
150
ns
SO3 output hold time (from SCK3
↑) <73> tHSKSO3
CL = 50 pF
tWSKH3
tWSKH3
ns
Remark RL and CL are the load resistance and load capacitance of the output line for SCK3 and SO3.
(b) Slave mode
(i)
Timing of CSI0 to CSI2
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67> tCYSK2
Input
160
120
ns
SCKn high-level width
<68> tWSKH2
Input
50
30
ns
SCKn low-level width
<69> tWSKL2
Input
50
30
ns
SIn setup time (to SCKn
↑)
<70> tSSISK2
10
10
ns
SIn hold time (from SCKn
↑)
<71> tHSKSI2
10
10
ns
SOn output delay time (to SCKn
↓) <72> tDSKSO2
45
45
ns
SOn output hold time (from SCKn
↑) <73> tHSKSO2
tWSKH2
tWSKH2
ns
Remark n = 0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com