Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003GC Datasheet(PDF) 78 Page - NEC

Part # UPD703003GC
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003GC Datasheet(HTML) 78 Page - NEC

Back Button UPD703003GC Datasheet HTML 74Page - NEC UPD703003GC Datasheet HTML 75Page - NEC UPD703003GC Datasheet HTML 76Page - NEC UPD703003GC Datasheet HTML 77Page - NEC UPD703003GC Datasheet HTML 78Page - NEC UPD703003GC Datasheet HTML 79Page - NEC UPD703003GC Datasheet HTML 80Page - NEC UPD703003GC Datasheet HTML 81Page - NEC UPD703003GC Datasheet HTML 82Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
µPD703003
78
Data Sheet U12261EJ2V1DS00
18. RECOMMENDED SOLDERING CONDITIONS
The
µPD703003 should be soldered and mounted under the following recommended conditions.
For the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology
Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales represen-
tative.
Table 18-1. Soldering Conditions
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
IR35-107-2
VPS
VP15-107-2
Partial heating
—
Note Exposure limit after dry-pack is opened. Storage conditions: temperature of 25
°C and relative humidity
of 65% or less.
Caution
Do not use different soldering methods together (except for partial heating).
Package peak temperature: 235
°C, Reflow time: 30 seconds or
below (210
°C or higher), Number of reflow processes: 2 max.,
Exposure limit: 7 daysNote (after that, prebaking is necessary at
125
°C for 10 hours)
Package peak temperature: 215
°C, Reflow time: 40 seconds or
below (200
°C or higher), Number of reflow processes: 2 max.,
Exposure limit: 7 daysNote (after that, prebaking is necessary at
125
°C for 10 hours)
Pin temperature: 300
°C or below, Time: 3 seconds or below
(per side of device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com