Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003GC Datasheet(PDF) 77 Page - NEC

Part # UPD703003GC
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003GC Datasheet(HTML) 77 Page - NEC

Back Button UPD703003GC Datasheet HTML 73Page - NEC UPD703003GC Datasheet HTML 74Page - NEC UPD703003GC Datasheet HTML 75Page - NEC UPD703003GC Datasheet HTML 76Page - NEC UPD703003GC Datasheet HTML 77Page - NEC UPD703003GC Datasheet HTML 78Page - NEC UPD703003GC Datasheet HTML 79Page - NEC UPD703003GC Datasheet HTML 80Page - NEC UPD703003GC Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
77
µPD703003
Data Sheet U12261EJ2V1DS00
17. PACKAGE DRAWINGS
100 PIN PLASTIC QFP (FINE PITCH) ( 14)
ITEM
MILLIMETERS
INCHES
I
J
0.5 (T.P.)
0.10
0.004
0.020 (T.P.)
A
16.0
±0.2
0.630
±0.008
B
14.0
±0.2
0.551+0.009
–0.008
C
14.0
±0.2
0.551+0.009
–0.008
D
16.0
±0.2
0.630
±0.008
F
G
1.0
1.0
0.039
0.039
H
0.22
0.009
±0.002
P100GC-50-7EA-3
K
1.0
±0.2
0.039+0.009
–0.008
L
0.5
±0.2
0.020+0.008
–0.009
M
0.17
0.007
N
0.10
0.004
+0.05
–0.04
+0.03
–0.07
Q
0.125
±0.075
0.005
±0.003
R
S
1.7 MAX.
5
°±5°
5
°±5°
0.067 MAX.
+0.001
–0.003
P
1.45
±0.05
0.057 +0.003
–0.002
NOTE
1. Controlling dimension
millimeter.
2. Each lead centerline is located within 0.10 mm (0.004 inch) of
its true position (T.P.) at maximum material condition.
1
25
26
50
100
76
75
51
M
S
S
C
Q
R
K
M
L
P
G
F
A
B
D
J
HI
N
S
detail of lead end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com