Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2867 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 9Page - STMicroelectronics AN2867 Datasheet HTML 10Page - STMicroelectronics AN2867 Datasheet HTML 11Page - STMicroelectronics AN2867 Datasheet HTML 12Page - STMicroelectronics AN2867 Datasheet HTML 13Page - STMicroelectronics AN2867 Datasheet HTML 14Page - STMicroelectronics AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics AN2867 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DocID15287 Rev 9
13/41
AN2867
Pierce oscillator design
40
3.3
CL load capacitance
The load capacitance is the terminal capacitance of the circuit connected to the crystal
oscillator. This value is determined by the external capacitors CL1 and CL2 and the stray
capacitance of the printed circuit board and connections (Cs). The CL value is specified by
the crystal manufacturer. Mainly, for the frequency to be accurate, the oscillator circuit has to
show the same load capacitance to the crystal as the one the crystal was adjusted for.
Frequency stability mainly requires that the load capacitance be constant. The external
capacitors CL1 and CL2 are used to tune the desired value of CL to reach the value specified
by the crystal manufacturer.
The following equation gives the expression of CL:
Example of CL1 and CL2 calculation:
For example if the CL value of the crystal is equal to 15 pF and, assuming that Cs = 5 pF,
then:
. That is:
.
3.4
Oscillator transconductance
Theoretically, to make the oscillation start and build up until it reaches a stable oscillation
phase, the oscillator should provide sufficient gain that at the same time compensates for
the oscillation loop losses and provide the energy that makes the oscillation build up. When
the oscillation becomes stable, the equality between the oscillator provided power and the
oscillation loop dissipated power is achieved.
Practically speaking and due to tolerances on passive component values and their
dependency on environmental parameters (e.g. temperature), a ratio of x1 between the
oscillator gain and the oscillation loop critical gain is not recommended. This will induce a
too long oscillator startup time and might even prevent the oscillator from starting up.
This section describes the two approaches that can be used to check if an STM32 oscillator
can be paired with a given resonator in order to ensure that the oscillation is started and
maintained under the specified conditions for both resonator and oscillator. The approach
depends on how the oscillator parameters are specified in the microcontroller datasheet:
If the oscillation loop maximal critical gain parameter (gm_crit_max) is specified, it is
important to make sure that the oscillation loop critical gain (gmcrit) is smaller than the
specified parameter.
If the oscillator transconductance parameter (gm) is specified, make sure that the gain
margin ratio (gainmargin) is bigger than x5. Below the calculation formulas for both gmcrit
and gainmargin.
where:
gm is the oscillator transconductance specified in the microcontroller datasheet. Note
that the HSE oscillator transconductance is in the range of a dozens of mA/V while LSE
CL
CL1 CL2
×
CL1 CL2
+
--------------------------
Cs
+
=
CL Cs
CL1 CL2
×
CL1 CL2
+
--------------------------
10 pF
=
=
CL1
CL2
=
20 pF
=
gainmin
arg
gm
gmcrit
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com