Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2867 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics AN2867 Datasheet HTML 23Page - STMicroelectronics AN2867 Datasheet HTML 24Page - STMicroelectronics AN2867 Datasheet HTML 25Page - STMicroelectronics AN2867 Datasheet HTML 26Page - STMicroelectronics AN2867 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID15287 Rev 9
23/41
AN2867
Guidelines for selecting suitable crystal and external components
40
4.2
Detailed steps to select an STM32-compatible crystal
This section describes the procedure recommended to select suitable crystal/external
components. The whole procedure is divided into three main steps:
Step 1: Check the resonator compatibility with the selected STM32
microcontroller
To check the compatibility between the selected crystal and the STM32 microcontroller, first
identify which procedure has to be followed among the two procedures described in
Section 3.4: Oscillator transconductance. The decision should be made based on the
oscillator specification provided in the product datasheet:
If the oscillator transconductance parameter is specified, then the first procedure
should be applied. Ensure that the gain margin ratio is higher than five (x5) to make
sure that the crystal is compatible with the selected STM32 microcontroller.
If Gm_Crit_max is specified instead, make sure Gm_crit for the oscillation loop is smaller
than the specified Gm_Crit_max value.
Step 2: Determine the capacitance value of the load capacitors CL1 and CL2
To determine the right capacitance values for CL1 and CL2 load capacitors, apply the
formula specified in Section 3.3: CL load capacitance. The values obtained are
approximations of the exact capacitances to be used. In a second phase, to fine tune the
values of the load capacitors, a series of experimental iterations should be performed until
the right capacitance values are found.
During the experimental phase, use an etalon crystal. An etalon crystal is a characterized
crystal which PPM drift is well known when it is loaded by the crystal nominal load
capacitance (CL). This kind of crystals can be provided by the crystal manufacturer upon
request. After the etalon crystal has been chosen, calculate its oscillation frequency (Fetalon)
when the crystal is loaded by its nominal load capacitance. This frequency is given by the
formula:
where:
Fetalon is the etalon crystal oscillation frequency when the crystal is loaded by its
nominal load capacitance.
Fnominal is the oscillation nominal frequency specified in the crystal datasheet.
PPMetalon is the oscillation frequency drift of the etalon crystal as it was characterized
by the crystal manufacturer.
Fetalon Fnominal PPMetalon 10
6


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com