Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2867 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 25Page - STMicroelectronics AN2867 Datasheet HTML 26Page - STMicroelectronics AN2867 Datasheet HTML 27Page - STMicroelectronics AN2867 Datasheet HTML 28Page - STMicroelectronics AN2867 Datasheet HTML 29Page - STMicroelectronics AN2867 Datasheet HTML 30Page - STMicroelectronics AN2867 Datasheet HTML 31Page - STMicroelectronics AN2867 Datasheet HTML 32Page - STMicroelectronics AN2867 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID15287 Rev 9
29/41
AN2867
Some recommended crystals for STM8A/S microcontrollers
40
6
Some recommended crystals for STM8A/S
microcontrollers
6.1
Part numbers of recommended crystal oscillators
6.2
Part numbers of recommended ceramic resonators
Table 9 and Table 10 give the references of recommended CERALOCK® ceramic
resonators for the STM8A microcontrollers provided and certified by Murata.
Table 8. KYOCERA
Part number
Freq.
ESR
CL
Drive level (DL)
CX5032GA08000H0QSWZZ
8 MHz
300
Ω max
12 pF
500 µW max
CX5032GA16000H0QSWZZ
16 MHz
100
Ω max
12 pF
300 µW max
CX8045GA08000H0QSWZZ
8 MHz
200
Ω max
12 pF
500 µW max
CX8045GA16000H0QSWZZ
16 MHz
50
Ω max
12 pF
300 µW max
Table 9. Recommendable conditions (for consumer)
Part number
Freq.
CL
CSTCR4M00G55B-R0
4 MHz
CL1 = CL2 = 39 pF
CSTCE8M00G55A-R0
8 MHz
CL1 = CL2 = 33 pF
CSTCE16M0V53-R0
16 MHz
CL1 = CL2 = 15 pF
Table 10. Recommendable conditions (for CAN-BUS)
Part number
Freq.
CL
CSTCR4M00G15C**-R0
4 MHz
CL1 = CL2 = 39 pF
CSTCR8M00G15C**-R0
8 MHz
CL1 = CL2 = 33 pF
CSTCE16M0V13C**-R0
16 MHz
CL1 = CL2 = 15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com