Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3100
Description  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 5Page - STMicroelectronics AN3100 Datasheet HTML 6Page - STMicroelectronics AN3100 Datasheet HTML 7Page - STMicroelectronics AN3100 Datasheet HTML 8Page - STMicroelectronics AN3100 Datasheet HTML 9Page - STMicroelectronics AN3100 Datasheet HTML 10Page - STMicroelectronics AN3100 Datasheet HTML 11Page - STMicroelectronics AN3100 Datasheet HTML 12Page - STMicroelectronics AN3100 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3100
DDR overview
Doc ID 16606 Rev 2
9/24
For example, the situation for the cut 128 Mb x 8 in eight and four bank mode is shown
below:
●
128 Mb x 8 (eight bank mode, all 3 bank address bits are used)
–
User_address [0] = datapath;
–
User_address [10:1] = column address;
–
User_address [13:11] = bank address;
–
User_address [27:12] = row address;
–
User_address [28] = chip select;
●
128 Mb x 8 (four bank mode, only 2 bits are used for the bank address)
–
User_address [0] = datapath;
–
User_address [10:1] = column address;
–
User_address [12:11] = bank address;
–
User_address [26:13] = row address;
–
User_address [27] = chip select;
SPEAr3xx supports DDR mobile and DDR2 devices. The memory controller needs to be
configured once at system startup depending on the memory type, size, and vendor and on
the frequency you want to work with.
2.3
DDR mobile overview
In addition to DDR2, SPEAr3xx also supports DDR mobile for low power consumption
applications, such as battery powered devices. Of course, the clock frequency and hence
the bandwidth of DDR mobile is reduced comared to DDR2.
DDR mobile has the following special features:
●
Temperature-compensated self refresh (TCSR)
This is an on-chip temperature sensor that controls the refresh interval based on the
device temperature.
●
Partial-array self refresh (PASR)
For power savings, the PASR feature enables the controllers to select the amount of
memory that will be refreshed during the self refresh.
●
Deep power-down (DPD)
Deep power-down mode effectively cuts the power to the array and decreases leakage
current. Applications that do not require data retention can use the DPD feature while
the system power is maintained. Data is not retained after the device enters DPD
mode.
●
Clock stop mode
Clock stop mode can be used to save power in the application by reducing the number
of transitions in the clock path. Power savings can be achieved by selecting either of
the following methods:
–
Change the clock frequency when the data transfers require a different rate of
speed
–
Hold CKE HIGH, with CK LOW and CK# HIGH for the full duration of clock stop
mode
Both methods are specific to the application and its requirements, and both methods
enable power savings by reducing the number of transitions in the clock path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com