Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3100 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3100
Description  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 10Page - STMicroelectronics AN3100 Datasheet HTML 11Page - STMicroelectronics AN3100 Datasheet HTML 12Page - STMicroelectronics AN3100 Datasheet HTML 13Page - STMicroelectronics AN3100 Datasheet HTML 14Page - STMicroelectronics AN3100 Datasheet HTML 15Page - STMicroelectronics AN3100 Datasheet HTML 16Page - STMicroelectronics AN3100 Datasheet HTML 17Page - STMicroelectronics AN3100 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DDR controller delay lines tuning
AN3100
14/24
Doc ID 16606 Rev 2
memory data path, in contrast to the read parameters dll_dqs_delay_x. These parameters
allow these two clocks to be delayed by a fixed percentage of the core clock.
In short, for writing to DDR you need to:
1.
Align DQS signal with respect to the clock
2.
Adjust DQ signals to the specs (1/4 cycle) relative to DQS.
This can be done by programming the following registers:
●
MPMC_CTL_40: to align DQS (write) to the clock signal
●
MPMC_CTL_41: to adjust DQ signal to within 1/4 clock cycle of DQS.
There is only one register, mentioned previously, to center the read DQS signal in the clock
signal:
MPMC_CTL_39: to activate the DQS signal in the middle of the data valid signal
The delay introduced by these parameters can be determined based on the following
equation,
Delay = delays in one cycle *param [6:0]/128. ----------- (Equation 1)
Where param is one of the following parameters:
●
wr_dqs_shift
●
dqs_out_shift
●
dll_dqs_delay_X
The value “delays in one cycle” is automatically generated by the memory controller DCC
(delay compensation circuit) master delay line that calculates the number of delay elements
that constitute a complete cycle in an adaptive way (according to PVT variations).
5.2.1
Example using these parameters
At DDR frequency of 333 MHz (666 MT/sec):
One cycle time = 3 ns
If Write DQS generated by the memory controller is in phase with the clock on the controller
side and also at the DRAM end (effects of PCB tracks, substrate track length are
compensated), then DQS can be aligned to the clock by two values of wr_dqs_shift
parameter which are 0 or 0x7F.
Equation 1
Delay
= 3 ns x 0 = 0 or
= 3 ns x 128/128 = 3 ns
In both cases either the delay between write DQS and clock is zero or 3 ns (one clock
cycle), so the two signals which are Data strobe/DQS and clock would be aligned.
But in actual scenarios, the write DQS generated by the memory controller is slightly shifted.
At higher frequencies like 333 MHz, clock cycle time is very small (3 ns) and a deviation of
more than ¼ clock cycle time is not accepted. So we need to change this parameter value
from its ideal value of 0x0 or 0x7F. Just for reference, the value for this parameter in the
SPEAr300 evaluation board is 0x7F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com