Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3100 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3100
Description  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 16Page - STMicroelectronics AN3100 Datasheet HTML 17Page - STMicroelectronics AN3100 Datasheet HTML 18Page - STMicroelectronics AN3100 Datasheet HTML 19Page - STMicroelectronics AN3100 Datasheet HTML 20Page - STMicroelectronics AN3100 Datasheet HTML 21Page - STMicroelectronics AN3100 Datasheet HTML 22Page - STMicroelectronics AN3100 Datasheet HTML 23Page - STMicroelectronics AN3100 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Pad descriptions and configurations
AN3100
20/24
Doc ID 16606 Rev 2
7.1
DDR_PAD register configuration
The pads should be configured according to the type of memory in use (DDR MOBILE or
DDR2)
In the DDR_PAD register, Bits [18:15] and bit [0] are used in conjunction with pin
DDR2_EN to configure the pads in hardware or software mode.
●
Bits [18:15] = 0000: hardware configuration mode.
In this mode, the input level of the DDR2_EN pin selects the configuration
(DDR2_EN =1 = configuration for DDR2) and DDR_PAD register [0] is don’t care.
●
Bits [18:15] = 0110: software configuration mode.
In this mode, the value of DDR_PAD register [0] selects the configuration]
(1 = configuration for DDR2) and pin DDR2_EN is don’t care.
All other combinations are not allowed.
Bit [14] is a status bit and reflects the status of the pin DDR2_EN.
All these settings establish the value for the pin DDR2V5 of pad data and clock cells and
configure them to operate properly on the basis of the memory type attached.
Bit [13] establishes the nature of the common reference for all SSTL pads.
0 = internal reference and
1 = external reference.
It is recommended to use an external reference to improve the stability.
Bit [12] Controls GATE_OPEN_MODE. It should be set to 1 in normal operating conditions.
Bit [11] is reserved.
Bit [10] Controls the pad ENZI signal (input buffer enable). It should be 0 in normal
operating conditions.
Bits [9: 8] respectively control the pull-up and the pull-down of pins PDNCLK2V5 and
PUPCLK2V5 of the pad clock cells for the DDR_MEM_DQS[1:0] pads.See Table 5 for the
settings.
Bits [7: 6] respectively control the pull-up and the pull-down of pins PDNCLK2V5 and
PDNCLKB2V5 of the pad clock cell for the DDR_MEM_CLKP/N pads.See Table 5 for the
settings.
Bits [5: 4] control the pull-up and the pull-down of the pins PU2V5 and PDN2V5 of all pad
data cells.See Table 5 for the settings.
Bits [3: 1] respectively control the pins ZPROGOUTA2V5, PROGA2V5, PROGB2V5 for all
pad data and clock cells.
Table 5.
Pull-up and pull down settings
Bit pair value
Meaning
00
pull-down active and pull-up not active
01
forbidden
10
pull-down not active and pull-up not active (default)
11
pull-down not active and pull-up active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com