Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3139 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 3Page - STMicroelectronics AN3139 Datasheet HTML 4Page - STMicroelectronics AN3139 Datasheet HTML 5Page - STMicroelectronics AN3139 Datasheet HTML 6Page - STMicroelectronics AN3139 Datasheet HTML 7Page - STMicroelectronics AN3139 Datasheet HTML 8Page - STMicroelectronics AN3139 Datasheet HTML 9Page - STMicroelectronics AN3139 Datasheet HTML 10Page - STMicroelectronics AN3139 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
AN3139
STM8L family compatibility
Doc ID 16993 Rev 3
7/63
All STM8L family microcontrollers use the same application development tools:
●
Embedded single wire interface module (SWIM)
●
Software integrated development environment (IDE) tools including assembler,
simulator, debugger, programmer:
–
ST Visual Develop (ST)
–
Ride (Raisonance)
–IAR
●
In-circuit debugging and programming tools
–
STIce from ST (full hardware emulator)
–
ST-Link from ST
–
RLink from Raisonance (low cost debug/programming tool)
●
Starter kits and evaluation boards
●
C compiler and assembler tool chains (Cosmic, Raisonance, IAR)
●
Firmware libraries (peripheral control examples, MISRA or class B compliance, touch
sensing)
●
Application notes
By using a common development environment, you significantly reduce code maintenance
effort and shorten the time-to-market, especially in cases when an application has to be
migrated from one STM8 microcontroller to another.
By using the drivers provided in the STM8L firmware library to interface with the hardware, it
becomes reasonably straightforward to move the application firmware from one STM8L
product to another. The principle job is analyzing the details on the hardware side, taking
care of the placement and availability of the peripheral I/O functions in the pinout. More
details can be obtained in the STM8L datasheet and further in this document in Section 3.1:
Package pinout.
Figure 1: STM8L family block diagram gives an overview of the STM8L blocks and their
compatibility level, as discussed in the next sections.
Table 1.
Overview of STM8L family peripherals
Peripheral
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium
density
STM8L15x
Medium+/High density STM8L15x/
High density STM8L16x
RAM
Up to 1.5 Kbytes
Up to 2 Kbytes
Up to 2 Kbytes
Up to 4 Kbytes
Flash
Program
memory
Up to 8 Kbytes
From 4 to 8 Kbytes
From 16 to
32 Kbytes
32 Kbytes in medium+ density devices
64 Kbytes in high density devices
(STM8L15x/16x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com