Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3139 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 27Page - STMicroelectronics AN3139 Datasheet HTML 28Page - STMicroelectronics AN3139 Datasheet HTML 29Page - STMicroelectronics AN3139 Datasheet HTML 30Page - STMicroelectronics AN3139 Datasheet HTML 31Page - STMicroelectronics AN3139 Datasheet HTML 32Page - STMicroelectronics AN3139 Datasheet HTML 33Page - STMicroelectronics AN3139 Datasheet HTML 34Page - STMicroelectronics AN3139 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
31/63
The STM8L15x/STM8L16x sub-family, family has some peripherals that are not supported
in the STM8L10x sub-family. In addition, some peripherals are not fully compatible between
the two families, which explains why two firmware libraries are developed: one for the
STM8L10x sub-family and the other for the STM8L15x/STM8L16x sub-family. To avoid any
confusion for the user, when a peripheral feature is available in more than one sub-family,
this feature has the same function name.
The following tables Table 5: Overview of STM8L family memory addresses and Table 6:
Overview of STM8L family peripheral addresses give an overview of the mapping in the
STM8L family.
Note:
The gray cells show that the memory type is not present.
Table 5.
Overview of STM8L family memory addresses
Memory
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density STM8L15x/
High density
STM8L16x
RAM
including
stack
0x00 0000 - 0x00 5FF
0x00 0000 - 0x00 7FF
0x00 0000 - 0x00 7FF
0x00 0000 - 0x00 7FF
reserved
NA
0x00 0800 - 0x00 0FFF 0x00 0800 - 0x00 0FFF 0x00 0800 - 0x00 0FFF
Data
EEPROM
0x00 1000 - 0x00 10FF 0x00 1000 - 0x00 13FF 0x00 1000 - 0x00 17FF
reserved
0x00 600 - 0x00 47FF
0x00 1100 - 0x00 47FF 0x00 1400 - 0x00 47FF 0x00 1800 - 0x00 47FF
Option bytes 0x00 4800 - 0x00 48FF
0x00 4800 - 0x00 48FF 0x00 4800 - 0x00 48FF 0x00 4800 - 0x00 48FF
reserved
0x00 4900 - 0x00 49FF
0x00 4900 - 0x00 49FF 0x00 4900 - 0x00 49FF 0x00 4900 - 0x00 49FF
GPIO and
Peripheral
register
0x00 5000 - 0x00 57FF
0x00 5000 - 0x00 57FF 0x00 5000 - 0x00 57FF 0x00 5000 - 0x00 57FF
reserved
NA
0x00 5800 - 0x00 59FF 0x00 5800 - 0x00 59FF 0x00 5800 - 0x00 59FF
Boot ROM
0x00 6000 - 0x00 67FF 0x00 6000 - 0x00 67FF 0x00 6000 - 0x00 67FF
reserved
0x00 5800 - 0x00 7EFF 0x00 6800 - 0x00 7EFF 0x00 6800 - 0x00 7EFF 0x00 6800 - 0x00 7EFF
CPU/SWIM/
Debug/ITC
Registers
0X00 7F00 - 0x00 7FFF 0X00 7F00 - 0x00 7FFF
0X00 7F00 - 0x00
7FFF
0X00 7F00 - 0x00 7FFF
Flash
program
memory
0X00 8000 - 0x00 9FFF 0X00 8000 - 0x00 9FFF
0X00 8000 - 0x00
FFFF
0X00 8000 - 0x01 7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com