Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3139 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 42Page - STMicroelectronics AN3139 Datasheet HTML 43Page - STMicroelectronics AN3139 Datasheet HTML 44Page - STMicroelectronics AN3139 Datasheet HTML 45Page - STMicroelectronics AN3139 Datasheet HTML 46Page - STMicroelectronics AN3139 Datasheet HTML 47Page - STMicroelectronics AN3139 Datasheet HTML 48Page - STMicroelectronics AN3139 Datasheet HTML 49Page - STMicroelectronics AN3139 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Block-by-block compatibility analysis
AN3139
46/63
Doc ID 16993 Rev 3
3.8
Communication peripherals
3.8.1
SPI
This peripheral is available in all STM8L sub-families. The differences are the supported
features:
●
DMA capability not supported in the STM8L10x sub-family
●
Hardware CRC feature for reliable communication not supported in the STM8L10x sub-
family.
When migrating from the STM8L10x sub-family to the STM8L15x sub-family, you have to
add the additional peripheral of the same type as first parameter in every function used from
the firmware library. You also have to add the CRC polynomial parameter in the SPI_Init()
function. A full compatibility, in terms of function parameter names, is guaranteed for all
common features.
Additional peripheral instances are available in the high/medium+ density
STM8L15x/STM8L16x devices (refer to Section 4.2: SPI on page 59).
3.8.2
I2C
This peripheral is available in all STM8L sub-families.
Note:
If true open drain lines are required, make sure that the default mapping is kept for SDA &
SCL functions as these functions are generally mapped to pins with true open drain
capabilities (which is not the case when SDA & SCL are remapped to other pins).
The differences are in the supported features:
●
DMA capability not supported in the STM8L10x sub-family
●
SMBUS 2.0/ PMBus not supported in the STM8L10x sub-family.
●
Dual addressing mode not supported in the STM8L10x sub-family
When migrating from the STM8L10x sub-family to the STM8L15x sub-family, you have to
add the additional peripheral of the same type as first parameter in every function used from
the firmware library. For the common features, a full compatibility, in terms of function
parameter names, is guaranteed.
Note:
I/Os with true open drain capabilities are available for I2C in all STM8L sub-families.
3.8.3
USART
This peripheral is present in the whole STM8L family. The differences lie in the supported
features. The following table gives an overview of the supported features for each family.
When migrating from the STM8L10x sub-family to the STM8L15x/STMP8L16x sub-family,
you have to add the additional peripheral of the same type as first parameter in every
function used from the firmware library. For the common features, a full compatibility, in
terms of function parameter names, is guaranteed.
Additional peripheral instances are available in the high/medium+ density
STM8L15x/STM8L16x devices (refer to Section 4.4: USART on page 60).
Refer to the STM8L10x microcontroller family reference manual (RM0013), STM8L15x
microcontroller family reference manual (RM0031), STM8L101x datasheet and STM8L15x
datasheet for more detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com